Electronic Components Datasheet Search
  English  ▼

X  

2N6050 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6050
Description  POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6050 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6050 Datasheet HTML 1Page - Comset Semiconductor 2N6050 Datasheet HTML 2Page - Comset Semiconductor 2N6050 Datasheet HTML 3Page - Comset Semiconductor 2N6050 Datasheet HTML 4Page - Comset Semiconductor 2N6050 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
2N6050
2N6057
2N6051
2N6058
IC
Collector Current
2N6052
2N6059
12
A
2N6050
2N6057
2N6051
2N6058
ICM
Collector Peak Current
2N6052
2N6059
20
A
2N6050
2N6057
2N6051
2N6058
IB
Base Current
2N6052
2N6059
0.2
mA
2N6050
2N6057
2N6051
2N6058
PT
Power Dissipation
@ TC < 25°
2N6052
2N6059
150
Watts
2N6050
2N6057
2N6051
2N6058
TJ Ts
Junction
Storage Temperature
2N6052
2N6059
200
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N6050
2N6057
2N6051
2N6058
RthJ-C
Thermal Resistance, Junction to Case
2N6052
2N6059
1.17
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com