Electronic Components Datasheet Search
  English  ▼

X  

2N6053 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6053
Description  COMPLEMENTARY POWER DARLINGTON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6053 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6053 Datasheet HTML 1Page - Comset Semiconductor 2N6053 Datasheet HTML 2Page - Comset Semiconductor 2N6053 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
2N6053
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (1)
IC=100 mA
2N6055
60
-
-
V
2N6053
ICEO
Collector-Emitter Current
VCE=30 V
2N6055
-
-
0.5
mA
2N6053
VCE=60 V, VBE=-1.5 V
2N6055
-
-
500
µA
2N6053
ICEX
Collector-Cutoff Current
VCE=60 V, VBE=-1.5 V
TC=150°C
2N6055
-
-
5
mA
2N6053
IEBO
Emitter Cutoff Current
VEB=5.0 V
2N6055
-
-
2.0
mA
2N6053
IC=4.0 A, VCE=3.0 V
IC=8.0 A, VCE=3.0 V
2N6055
750
-
18K
2N6053
hFE
DC Current Gain (*)
2N6055
100
-
-
-
IC=4.0 A, IB=16 mA
2N6053
-
-
2.0
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=8.0 A, IB=80 mA
2N6055
-
-
3.0
V
2N6053
-
-
VBE(SAT)
Base-Emitter Voltage (*)
IC=8.0 A, IB=80 mA
2N6055
-
-
4.0
V
2N6053
VBE(on)
Base-Emitter Voltage
IC=4.0 A, VCE=3.0 V
2N6055
-
-
2.8
V
2N6053
-
-
fT
Transition Frequency
VCE=3.0 Vdc, IC=3.0 Adc, f=1 MHz
2N6055
4
-
-
MHz
2N6053
-
-
200
Ccbo
Collector-base
Capacitance
VCB=10 V, IE=0, f=1 MHz
2N6055
-
-
300
pF
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
! ! ! For PNP types current and voltage values are negative ! ! !



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com