Electronic Components Datasheet Search
  English  ▼

X  

BC141/16 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BC141/16
Description  GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC141/16 Datasheet(HTML) 1 Page - Comset Semiconductor

  BC141/16 Datasheet HTML 1Page - Comset Semiconductor BC141/16 Datasheet HTML 2Page - Comset Semiconductor BC141/16 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BC140/10 – BC140/16
NPN BC141/10 – BC141/16
COMSET SEMICONDUCTORS
1/3
They are silicon planar epitaxial NPN transistors mounted in TO-39 metal package.
They are particulary designed for audio amplifiers and switching applications up to 1A.
PNP complements are the BC160 – BC161.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BC140
80
VCBO
Collector-Base Voltage
IE = 0
BC141
100
V
BC140
40
VCEO
Collector-Emitter Voltage
IB = 0
BC141
60
V
BC140
VEBO
Emitter-Base Voltage
IC = 0
BC141
7
V
BC140
IC
Collector Current
BC141
1
A
BC140
IB
Base Current
BC141
0.1
A
@ Tcase= < 45°
3.7
Ptot
@ Tamb= < 45°
0.65
Watts
TJ
Junction Temperature
175
°C
TStg
Storage Temperature range
-55 to +175
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-case
35
K/ W
RthJ-amb
Thermal Resistance, Junction-ambient
200
K/ W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
G
GE
EN
NE
ER
RA
AL
L P
PU
UR
RP
PO
OS
SE
E T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - BC141/16

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BC141/16 COMSET-BC141/16 Datasheet
79Kb / 3P
GENERAL PURPOSE TRANSISTORS
More results

Similar Description - BC141/16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com