Electronic Components Datasheet Search
  English  ▼

X  

BD130 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD130
Description  NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD130 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD130 Datasheet HTML 1Page - Comset Semiconductor BD130 Datasheet HTML 2Page - Comset Semiconductor BD130 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
BD130
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.55
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=200 mA, IB=0
60
V
VCE(SAT)
Collector-Emitter Saturation
Voltage (*)
IC=4 A, IB=0.4 A
-0.5
1.1
V
VCE=100 V
VBE=-1.5 V
--
0.5
ICEX
Collector-Emitter Cutoff
Current
VCE=100 V
VBE=-1.5 V
TCASE=150°C
--
30
mA
IEBO
Emitter-Base Cutoff Current
VEB=7 V
--
5.0
mA
VBE
Base-Emitter Voltage (*)
IC=4.0 A, VCE=4.0V
-
0.95
1.8
V
fT
Transition Frequency
IC=0.1 A, VCE=4 V
1.1
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com