Electronic Components Datasheet Search
  English  ▼

X  

BD182 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD182
Description  NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD182 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD182 Datasheet HTML 1Page - Comset Semiconductor BD182 Datasheet HTML 2Page - Comset Semiconductor BD182 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD181 – BD182 – BD183
COMSET SEMICONDUCTORS
1/3
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BD181
55
BD182
70
VCBO
Collector-Base Voltage
BD183
85
V
BD181
45
BD182
60
VCEO
Collector-EmitterVoltage
BD183
80
V
BD181
55
BD182
70
VCER
Collector-EmitterVoltage
RBE=100 Ω
BD183
85
V
BD181
55
BD182
70
VCEX
Collector-EmitterVoltage
VBE=-1.5 V
BD183
85
V
BD181
BD182
VEBO
Emitter-Base Voltage
BD183
7.0
V
BD181
BD182
IC
Collector Current
BD183
15
A
BD181
BD182
IB
Base Current
BD183
7.0
A
BD181
BD182
PT
Power Dissipation
@ TC < 25°
BD183
150
Watts
NPN SILICON TRANSISTOR
POWER LINERAR AND SWITCHING APPLICATIONS
BD181, BD182 and BD183 are silicon NPN transistors intended for a wide variety
of high power applications. Typical applications include power switching circuits,
audio amplifiers, solenoid drivers, and series and shunt regulators.


Similar Part No. - BD182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD182 ETC1-BD182 Datasheet
144Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD182 COMSET-BD182 Datasheet
78Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
More results

Similar Description - BD182

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2333 NTE-NTE2333 Datasheet
29Kb / 3P
Silicon NPN Power Transistor for Switching Power Applications
logo
Wing Shing Computer Com...
2SC5416LS WINGS-2SC5416LS Datasheet
65Kb / 1P
NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
BUT11 WINGS-BUT11 Datasheet
22Kb / 1P
NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
logo
List of Unclassifed Man...
BD142 ETC-BD142 Datasheet
132Kb / 3P
NPN Silicon Transistor Power Linerar and Switching Applications
BD183 ETC1-BD183 Datasheet
144Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BCX20 FAIRCHILD-BCX20 Datasheet
78Kb / 3P
NPN Epitaxial Silicon Transistor Switching and Amplifier Applications
logo
Comset Semiconductor
BD130 COMSET-BD130 Datasheet
156Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD142 COMSET-BD142 Datasheet
81Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD142 COMSET-BD142_12 Datasheet
75Kb / 2P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD181 COMSET-BD181_12 Datasheet
78Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com