Electronic Components Datasheet Search
  English  ▼

X  

BD203 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD203
Description  SILCON EPITAXIAL-BASE POWER TRANSITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD203 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD203 Datasheet HTML 1Page - Comset Semiconductor BD203 Datasheet HTML 2Page - Comset Semiconductor BD203 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD202 – BD204
NPN BD201 – BD203
COMSET SEMICONDUCTORS
3
/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BD202
-ICEO
Collector Cutoff Current
-VCE=30 V, IB=0V
BD204
-
-
0.2
mA
BD202
-ICBO
Collector Cutoff Current
-VCB=40 V, IE=0V, Tj=150°C
BD204
-
-
1
mA
BD202
-IEBO
Emitter Cutoff Current
-VBE=5.0 V, IC=0
BD204
-
-
0.5
mA
BD202
45
-
-
-VCEO
Collector Emitter Breakdown
Voltage
IC=0.2 A, IB=0V
BD204
60
-
-
V
BD202
-VBE
Base Emitter Voltage (1)
-IC=3 A, -VCE=2.0 V
BD204
-
-
1.5
V
BD202
-VCEK
Knee Voltage (1)
-IC=3 A, -IB= value for which
-IC=3.3 A at -VCE=2.0 V
BD204
-
1
-
V
-IC=3 A, -VCE=2.0 V
BD202
30
-
-
hFE
DC Current Gain (1)
-IC=2 A, -VCE=20 V
BD204
30
-
-
-
BD202
-IC=3 A, -IB=0.3 A
BD204
-
-
1
BD202
-VCE(SAT)
Collector-Emitter saturation
Voltage (1)
-IC=6 A, -IB=0.6 A
BD204
-
-
1.5
BD202
-VBE(SAT)
Base-Emitter saturation
Voltage (1)
-IC=6 A, -IB=0.6 A
BD204
-
-
2
V
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BD201
fhfe
Cut-off frequency
-IC=0.3 A, -VCE=3.0 V
BD203
25
-
-
KHz
BD201
fT
Transition frequency
-IC=0.3 A, -VCE=3.0 V
f= 1MHz
BD203
7
-
-
MHz
BD201
Is/b
Forward bias second
breakdown collector current
VCE=40 V,tp= 0.1 s
Tamb= 25 °C
BD203
1.5
-
-
A
BD201
hFE1/hFE2
DC current gain ration of
matched complementary pairs
-IC=1 A, -VCE=2.0 V
BD203
2.5
-
-
-
BD201
ton
Turn-on time
BD203
-
-
1
BD201
toff
Turn-off time
−I
Con=2 A
−I
Bon =IBoff =0.2 A
BD203
-
-
2
µs
(1) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com