Electronic Components Datasheet Search
  English  ▼

X  

BD676 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD676
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD676 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD676 Datasheet HTML 1Page - Comset Semiconductor BD676 Datasheet HTML 2Page - Comset Semiconductor BD676 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2
PNP BD676-BD678-BD680-BD682
NPN BD675-BD677-BD679-BD681
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
M
x
Unit
IE=0 , -
VCB= -VCBOMAX=45 V
BD676
-
-
0,2
IE=0 , -
VCB= -VCBOMAX=60 V
BD678
-
-
0,2
IE=0 , -
VCB= -VCBOMAX=80 V
BD680
-
-
0,2
IE=0 , -
VCB= -VCBOMAX=100 V
BD682
-
-
0,2
IE=0 ,
-
VCB=
-½VCBOMAX=
45V,Tj= 150°C
BD676
-
-
1
IE=0 ,
-
VCB=
-½VCBOMAX=
60V,Tj= 150°C
BD678
-
-
1
IE=0 ,
-
VCB=
-½VCBOMAX=
80V,Tj= 150°C
BD680
-
-
1
-ICBO
Collector cut-off current
IE=0 ,
-
VCB=
-½VCBOMAX=
100V,Tj= 150°C
BD682
-
-
1
mA
BD676
-
-
0,2
BD678
-
-
0,2
BD680
-
-
0,2
-ICEO
Collector cut-off current
IB=0 , -
VCE= -½VCEOMAX=60 V
BD682
-
-
0,2
mA
-IEBO
Emitter cut-offcurrent
IC=0, -VEB=5 V
-
-
5
mA
-VCE(SAT)
Collector-Emitter saturation
Voltage
-IC=1.5 A, -IB=6 mA
-
-
2,5
V
-VCE=3 V, -IC=500 mA
-
2200
-
-VCE=3 V, -IC=1,5 A
750
-
-
hFE
DC Current Gain
-VCE=3 V, -IC=4 A
-
650
-
-VBE
Base-Emitter Voltage(1&2)
-VCE=3 V, -IC=1,5 A
-
-
2,5
V
hfe
Small signal current gain
-VCE=3 V, -IC=1,5 A, f= 1 MHz
10
-
-
fhfe
Ut-off frequency
-VCE=3 V, -IC=1,5 A
-
60
-
kHz
VF
Diode forward voltage
IF=1,5 A
-
1,5
-
V
-I(SB)
Second-breakdown
collector current
-VCE=50 V, tP= 20ms,non rep., without
heatsink
0,8
-
-
A
ton
Turn-on time
-
0,3
1.5
toff
Turn-off time
-Icon= 1,5A, -Ibon= Iboff= 6mA,
-
1,5
5
µs
1.
Measured under pulse conditions :tP <300µs, δ <2%.
2.
VBE decreases by about 3,6 mV/K with increasing temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com