Electronic Components Datasheet Search
  English  ▼

X  

BDT84 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDT84
Description  SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT84 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDT84 Datasheet HTML 1Page - Comset Semiconductor BDT84 Datasheet HTML 2Page - Comset Semiconductor BDT84 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
PNP BDT82 – BDT84 – BDT86 – BDT88
NPN BDT81 – BDT83 – BDT85 – BDT87
Symbol
Ratings
Value
Unit
BDT82
BDT84
BDT86
TJ
Junction Temperature
BDT88
150
°C
BDT82
BDT84
BDT86
TStg
Storage Temperature
BDT88
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJa
Thermal Resistance, Junction to Ambient
70
K/W
RthJmb
Thermal Resistance, Junction to Mounting Base
1K/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
-IE=0A , -
VCB=60 V
BDT82
-
-0.2
-IE=0A , -
VCB=80 V
BDT84
-
-0.2
-IE=0A , -
VCB=100 V
BDT86
-
-0.2
-ICB0
Collector Cutoff Current
-IE=0A , -
VCB=120 V
BDT88
-
-0.2
mA
-VBE=0 , -VCE= 60V
BDT82
-
-1
-VBE=0 , -VCE= 80V
BDT84
-
-1
-VBE=0 , -VCE= 100V
BDT86
-
-1
-ICES
Collector Cutoff Current
-VBE=0 , -VCE= 120V
BDT88
-
-1
mA
BDT82
BDT84
BDT86
-IEBO
Emitter Cutoff Current
-VEB=7.0 V, -IC=0
BDT88
--
0.1
mA
BDT82
BDT84
BDT86
-IC=50 m A , -VCE=10 V
BDT88
40
-
-
BDT82
BDT84
BDT86
HFE
DC Current Gain (1)
-IC=5 A , -VCE=4.0 V
BDT88
40
-
-
-
BDT82
BDT84
BDT86
-IC=5 A , -IB=0.5 A
BDT88
--
1
BDT82
BDT84
BDT86
-VCE(SAT)
Collector-Emitter
saturation Voltage (1)
-IC=7 A , -IB=0.7 A
BDT88
--
1.6
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com