Electronic Components Datasheet Search
  English  ▼

X  

BDX20 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX20
Description  PNP SILICON TRANSISTORS EPITAXIAL BASE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX20 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX20 Datasheet HTML 1Page - Comset Semiconductor BDX20 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMSET SEMICONDUCTORS
2/2
BDX20
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC=-200 mA, IB=0
-140
-
-
V
VCEX
Collector-Emitter
Breakdown Voltage (*)
IC=-100 mA, VBE=1.5 V
-160
-
-
V
VCE=-140 V, VBE=1.5 V
-
-
-1.0
ICEX
Collector Cutoff Current
VCE=-140 V, VBE=1.5 V, TCASE=150°C
-
-
-10
mA
ICBO
Collector-Base Cutoff
Current
VCB=-140 V, IE=0
-
-
-1.0
mA
IEBO
Emitter-Base Cutoff Current VBE=-7.0 V, IC=0
-
-
-5.0
mA
IC=-3.0 A, VCE=-4.0 V
20
-
70
h21E
Static Forward Current
Transfer Ratio (*)
IC=10 A, VCE=-4.0 V
-
10
-
-
IC=-3.0 A, IB=-0.3 A
-
-
-1.0
VCE(SAT)
Collector-Emitter Saturation
Voltage (*)
IC=-10 A, IB=-2 A
-
-
-5.0
V
IC=-3.0 Adc, VCE=-4.0 V
-
-1.7
-
VBE
Base-Emitter Voltage (*)
IC=-10 A, VCE=-4.0 V
-
-5.7
-
V
fT
Transition Frequency
VCE=-10 V, IC=-1.0 Adc, f=1.0 MHz
4
-
-
MHz
In accordance with JEDEC Registration Data
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com