Electronic Components Datasheet Search
  English  ▼

X  

BDX33A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX33A
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX33A Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX33A Datasheet HTML 1Page - Comset Semiconductor BDX33A Datasheet HTML 2Page - Comset Semiconductor BDX33A Datasheet HTML 3Page - Comset Semiconductor BDX33A Datasheet HTML 4Page - Comset Semiconductor BDX33A Datasheet HTML 5Page - Comset Semiconductor BDX33A Datasheet HTML 6Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
PNP BDX34 – BDX34A – BDX34B – BDX34C
COMSET SEMICONDUCTORS
3/6
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BDX33
BDX33A
BDX33B
BDX33C
BDX34
BDX34A
BDX34B
RthJ-C
Thermal Resistance, Junction to Case
BDX34C
1.78
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDX33
BDX34
45
-
-
BDX33A
BDX34A
60
-
-
BDX33B
BDX34B
80
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA
BDX33C
BDX34C
100
-
-
V
BDX33
BDX34
45
-
-
BDX33A
BDX34A
60
-
-
BDX33B
BDX34B
80
-
-
VCER(SUS)
Collector-Emitter Sustaining
Voltage (*)
IB=100 mA, RBE=100Ω
BDX33C
BDX34C
100
-
-
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com