Electronic Components Datasheet Search
  English  ▼

X  

BDX35 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX35
Description  SILICON PLANAR EPITAXIAL POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX35 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX35 Datasheet HTML 1Page - Comset Semiconductor BDX35 Datasheet HTML 2Page - Comset Semiconductor BDX35 Datasheet HTML 3Page - Comset Semiconductor BDX35 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN BDX35 – BDX36 – BDX37
*
COMSET SEMICONDUCTORS
2
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BDX35
BDX36
RthJ-mb
Thermal Resistance, Junction to mouting
base
BDX37
5
K/W
BDX35
BDX36
RthJ-a
Thermal Resistance, Junction to ambient
infree air
BDX37
100
K/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
IE=0 ,
VCB=80 V
BDX35
-
-
10
IE=0 ,
VCB=100 V
BDX36
-
-
10
IE=0 ,
VCB=100 V
BDX37
-
-
10
IE=0 ,
VCB=80 V , Tj = 100°C BDX35
-
-
50
IE=0 ,
VCB=100 V,Tj = 100°C BDX36
-
-
50
ICBO
Collector cut-off current
IE=0 ,
VCB=100 V,Tj = 100°C BDX37
-
-
50
µA
BDX35
-
-
10
BDX36
-
-
10
IC=0, VEB=4 V
BDX37
-
-
10
µA
BDX35
-
-
1
BDX36
-
-
1
IEBO
Emitter cut-offcurrent
IC=0, VEB=5 V
BDX37
-
-
1
mA
BDX35
-
-
0,9
BDX36
-
-
0,7
IC=5.0 A, IB=500 mA
BDX37
-
-
0,9
BDX35
-
-
1,2
BDX36
-
-
-
IC=7.0 A, IB=700 mA
BDX37
-
-
1,2
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=1A
BDX36
-
-
1,5
V
BDX35
BDX36
IC=5.0 A, IB=500 mA
BDX37
-
-
1 ,6
BDX35
-
-
2,0
IC=7.0 A, IB=700 mA
BDX37
-
-
2,0
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=10 A, IB=1A
BDX36
-
-
2,5
V
BDX35
BDX36
BDX37
45
-
450
BDX35
BDX36
130
-
hFE
DC Current Gain (*)
VCE=10 V, IC=500m A
BDX37
-
80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com