Electronic Components Datasheet Search
  English  ▼

X  

BDX64B Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX64B
Description  PNP SILICON DARLINGTONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64B Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX64B Datasheet HTML 1Page - Comset Semiconductor BDX64B Datasheet HTML 2Page - Comset Semiconductor BDX64B Datasheet HTML 3Page - Comset Semiconductor BDX64B Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
VBE
Base-Emitter Voltage (*)
IC=-5.0 A, VCE=-3V
BDX64
BDX64A
BDX64B
BDX64C
-
-
-2.5
V
Fhfe
Cut-off frequency
-VCE=3 V,-IC=5 A
BDX64
BDX64A
BDX64B
BDX64C
-
80
-
kHz
fT
Transition Frequency
VCE=-3 V, IC=-5 A, f=1 MHz
BDX64
BDX64A
BDX64B
BDX64C
-
7
-
MHz
-VCE=-3 V, -IC=-1 A
BDX64
BDX64A
BDX64B
BDX64C
-
1500
-
-VCE=-3 V, -IC=-5 A
BDX64
BDX64A
BDX64B
BDX64C
1000
-
-
hFE
D.C. current gain (*)
-VCE=-3 V, -IC=-12 A
BDX64
BDX64A
BDX64B
BDX64C
-
750
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V
rated by
an auxiliary circuit
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com