Electronic Components Datasheet Search
  English  ▼

X  

BDX66 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX66
Description  PNP SILICON DARLINGTONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX66 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX66 Datasheet HTML 1Page - Comset Semiconductor BDX66 Datasheet HTML 2Page - Comset Semiconductor BDX66 Datasheet HTML 3Page - Comset Semiconductor BDX66 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COMSET SEMICONDUCTORS
3/4
BDX 66, A, B, C
Symbol
Ratings
Test Condition(s)
Min
Typ
M
x
Unit
-IEBO
Emitter Cutoff Current
-VBE=5 V
BDX66
BDX66A
BDX66B
BDX66C
-
-
5.0
mA
TCASE=25°C, -VCB=60 V
-
-
1
TCASE=200°C, -VCB=40 V
BDX66
-
-
5
TCASE=25°C, -VCB=50 V
-
-
1
TCASE=200°C,-VCB=80 V
BDX66A
-
-
5
TCASE=25°C, -VCB=100 V
-
-
1
TCASE=200°C, -VCB=60 V
BDX66B
-
-
5
TCASE=25°C, -VCB=120 V
-
-
1
-ICBO
Collector-Base Cutoff
Current
TCASE=200°C, -VCB=70 V
BDX66C
-
-
5
mA
hFE
DC Current Gain
-VCE=3 V,- IC=1 A
-
2000
-
hFE
DC Current Gain
-VCE=3 V,- IC=10 A
1000
-
-
hFE
DC Current Gain
-VCE=3 V,- IC=16 A
-
1000
-
-
-VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=10 A, -IB=40 mA
BDX66
BDX66A
BDX66B
BDX66C
-
-
2
V
-VBE
Base-Emitter Voltage(1&2)
-VCE=3 V, -IC=10 A
-
-
2,5
V
VF
Diode forward voltage
IF=10 A
-
2
-
V
C22b
IE=0 A, -VCB=-10V, f=1
MHz
BDX66
BDX66A
BDX66B
BDX66C
-
300
-
pF
ton
Switching characteristics
VCC=12V, -IC=10 A, -IB1=
IB2=40 mA
BDX66
BDX66A
-
1
-
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com