Electronic Components Datasheet Search
  English  ▼

X  

BDY53 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDY53
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDY53 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDY53 Datasheet HTML 1Page - Comset Semiconductor BDY53 Datasheet HTML 2Page - Comset Semiconductor BDY53 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
BDY53 – BDY54
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
BDY53
60
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA, IB=0
BDY54
120
-
-
V
IEBO
Emitter-Base Cutoff Current VEB=7 V
BDY53
BDY54
--
3.0
mA
VCE=100 V
VBE=-1.5 V
TCASE=150°C
BDY53
--
ICEX
Collector-Emitter Cutoff
Current
VCE=150 V
VBE=-1.5 V
TCASE=150°C
BDY54
--
15
mA
IC=4.0 A, IB=0.4 A
BDY53
BDY54
--
1.1
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=7.0 A, IB=1.4 A
BDY53
BDY54
--
2.2
V
IC=4.0 A, IB=0.4 A
BDY53
BDY54
--
2
VBE(SAT)
Base-Emitter Voltage (*)
IC=7.0 A, IB=1.4 A
BDY53
BDY54
--
2.5
V
h21E
Static Forward Current
transfer ratio (*)
VCE=1.5 V, IC=2 A
BDY53
BDY54
20
-60
V
fT
Transition Frequency
VCE=4.0 V, IC=0.5 A, f=10
MHz
BDY53
BDY54
20
-
-
MHz
td + tr
Turn-on time
IC=5 A, IB=1 A
BDY53
BDY54
-0.3
-
µs
ts + tf
Turn-off time
IC=5 A,
IB1=1 A,
IB2=-0.5 A
BDY53
BDY54
-1.8
-
µs
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com