Electronic Components Datasheet Search
  English  ▼

X  

BDY55 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDY55
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDY55 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDY55 Datasheet HTML 1Page - Comset Semiconductor BDY55 Datasheet HTML 2Page - Comset Semiconductor BDY55 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDY55
60
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC = 200 mA, IB = 0
BDY56
120
-
-
V
VCE = 30 V
BDY55
-
-
0.7
ICEO
Collector-Emitter Cutoff
Current
VCE = 60 V
BDY56
-
-
0.5
mA
BDY55
-
-
5
IEBO
Emitter-Base Cutoff Current VEB = 7 V
BDY56
-
-
3
mA
VCE = 100 V
VBE = -1.5 V
-
-
5
VCE = 100 V
VBE = -1.5 V
TCASE = 150°C
BDY55
-
-
30
VCE = 150 V
VBE = -1.5 V
-
-
3
ICEX
Collector-Emitter Cutoff
Current
VCE = 150 V
VBE = -1.5 V
TCASE = 150°C
BDY56
-
-
30
mA
IC = 4.0 A, IB = 0.4 A
BDY55
BDY56
-
-
1.1
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC = 10 A, IB = 3.3 A
BDY55
BDY56
-
-
2.5
V
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC = 10 A, IB = 3.3 A
BDY55
BDY56
-
-
2.5
VBE
Base-Emitter Voltage (*)
IC = 4.0 A, VCE = 4.0 V
BDY55
BDY56
-
-
1.8
V
VCE = 4 V, IC = 4 A
BDY55
BDY56
20
-
70
HFE
Static Forward Current
transfer ratio (*)
VCE = 4 V, IC =10 A
BDY55
BDY56
10
V
fT
Transition Frequency
VCE = 4.0 V, IC = 1.0 A,
f = 10 MHz
BDY55
BDY56
10
-
-
MHz
td + tr
Turn-on time
IC = 5 A, IB = 1 A
BDY55
BDY56
-
-
0.5
µs
ts + tf
Turn-off time
IC = 5 A,
IB1 = 1 A,
IB2 = -0.5 A
BDY55
BDY56
-
-
2
µs
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com