Electronic Components Datasheet Search
  English  ▼

X  

BDY57 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDY57
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDY57 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDY57 Datasheet HTML 1Page - Comset Semiconductor BDY57 Datasheet HTML 2Page - Comset Semiconductor BDY57 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
BDY57 – BDY58
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
BDY57
80
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA, IB=0
BDY58
125
-
-
V
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=1.0 A
BDY57
BDY58
-0.5
1.4
V
BDY57
120
-
-
V(BR)CBO
Collector-Base Breakdown
Voltage (*)
IC=5.0mA, IE=0
BDY58
160
-
-
V
V(BR)EBO
Emitter-Base Breakdown
Voltage (*)
IE=5.0 A, IC=0
BDY57
BDY58
-0.5
1.4
V
1.0
ICBO
Collector-Base Cutoff
Current
VCB=120 V
IE=0 V
BDY57
BDY58
-0.5
0.5
mA
ICER
Collector-Emitter Cutoff
Current
VCE=80 V
RBE=10 Ω
TCASE=100°C
BDY57
BDY58
--
10
mA
IEBO
Emitter-Base Cutoff Current
VEB=10 V
IC=0 V
BDY57
BDY58
-
-
0.25
0.5
mA
VCE=4 V, IC=10 A
BDY57
BDY58
20
-
60
VCE=4 V, IC=20 A
BDY57
BDY58
-15-
h21E
Static Forward Current
transfer ratio (*)
VCE=4 V, IC=10 A, TCASE=-
30°C
BDY57
BDY58
10
-
-
V
fT
Transition Frequency
VCE=15 V, IC=1.0 A, f=10
MHz
BDY57
BDY58
10
30
-
MHz
td + tr
Turn-on time
IC=15 A, IB=1.5 A
BDY57
BDY58
-0.25
1
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com