Electronic Components Datasheet Search
  English  ▼

X  

PA035XSJ Datasheet(PDF) 8 Page - AZ Displays

Part # PA035XSJ
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSJ Datasheet(HTML) 8 Page - AZ Displays

Back Button PA035XSJ Datasheet HTML 4Page - AZ Displays PA035XSJ Datasheet HTML 5Page - AZ Displays PA035XSJ Datasheet HTML 6Page - AZ Displays PA035XSJ Datasheet HTML 7Page - AZ Displays PA035XSJ Datasheet HTML 8Page - AZ Displays PA035XSJ Datasheet HTML 9Page - AZ Displays PA035XSJ Datasheet HTML 10Page - AZ Displays PA035XSJ Datasheet HTML 11Page - AZ Displays PA035XSJ Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PA035XSJ
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:8
7. Absolute Maximum Ratings :
The followings are maximum values , which if exceeded, may cause faulty operation or damage
to the unit.
GND = 0V,Ta = 25℃
Parameter
Symbol
MIN.
MAX.
Unit
Remark
AVDD
-0.3
+5.8
V
Supply Voltage For Source Driver
VDD
-0.3
+7.0
V
H Level VGH
-0.3
+35
V
L Level
VGL
-20
+0.3
V
Supply Voltage For Gate Driver
VGH-VGL
+0.3
+40
V
8. Electrical Characteristics
8-1) Operating Condition
Parameter
Symbol
MIN.
Typ.
MAX.
Unit
Remark
Analog
AVDD
+4.5
+5.0
+5.5
V
+3.0
+3.3
+3.6
V
Supply Voltage For Source
Driver
Logic
VDD
+4.5
+5.0
+5.5
V
Depend on T/C
signal voltage
VGH
+15.0
+17.0
+19.0
V
VEE
-15.5
-15.0
-14.5
V
DC Component
of VGL
VGL AC
-
+6.0
-
VP-P
AC Component of
VGL
VGL DC
-13.0
-12.0
-10.5
VP-P
AC Component of
VGL
+3.0
+3.3
+3.6
V
Supply Voltage For Gate
Driver
Logic
VCC
+4.5
+5.0
+5.5
V
Depend on T/C
signal voltage
VIAC
-
+3.6
+4.0
V
Note 8-2
Analog Signal input Level
(VR , VG , VB)
VIDC
-
+2.5
-
V
H level
VIH
+0.7 VDD
-
VDD
V
Digital input voltage
L level
VIL
0
-
+0.3VDD
V
VCOM AC
-
+6.0
-
VP-P
AC Component of
VCOM
VCOM
VCOM DC
+1.1
+1.3
+1.5
V
DC Component of
VCOM Note 8-1
Note 8-1 : PVI strongly suggests that the VCOM DC level shall be adjustable,and the adjustable level
range is 1.3V±0.2V,every module’s VCOM DC level shall be carefully adjusted to show a
best image performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com