Electronic Components Datasheet Search
  English  ▼

X  

MJ4032 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # MJ4032
Description  MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ4032 Datasheet(HTML) 4 Page - Comset Semiconductor

  MJ4032 Datasheet HTML 1Page - Comset Semiconductor MJ4032 Datasheet HTML 2Page - Comset Semiconductor MJ4032 Datasheet HTML 3Page - Comset Semiconductor MJ4032 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
IC=16 A, IB=80 mAdc
MJ4030
MJ4033
MJ4031
MJ4034
MJ4032
MJ4035
-
-
4.0
MJ4030
MJ4033
MJ4031
MJ4034
VBE
Base-Emitter Voltage (*)
IC=10 Adc, VCE=3.0Vdc
MJ4032
MJ4035
-
-
3
V
MJ4030
MJ4033
MJ4031
MJ4034
hFE
DC Current Gain (*)
VCE=10 Vdc, IC=3.0 Adc
MJ4032
MJ4035
1000
-
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
! ! ! For PNP types current and voltage values are negative ! ! !
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com