Electronic Components Datasheet Search
  English  ▼

X  

TIC116D Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC116D
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC116D Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC116D Datasheet HTML 1Page - Comset Semiconductor TIC116D Datasheet HTML 2Page - Comset Semiconductor TIC116D Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIC116A, TIC116B, TIC116C, TIC116D, TIC116E, TIC116M,
TIC116N, TIC116S
Page 2 of 3
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
tgt
Gate-controlled
Turn-on time
VAA = 30 V, RL = 6 Ω,
RGK(eff) = 100 Ω, Vin = 20 V
0.8
tq
Circuit-communicated
Turn-off time
VAA = 30 V, RL = 6 Ω, IRM ≈ 10 A
11
µs
R∂JC
≤ 3
R∂JA
≤ 62.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
IDRM
Repetitive peak off-state current
VD = Rated VDRM, RGK = 1 kΩ,
TC = 110°C
-
-
2
mA
IRRM
Repetitive peak reverse current
VR = Rated VRRM, IG = 0,
TC = 110°C
-
-
2
mA
IGT
Gate trigger current
VAA = 6 V, RL = 100 Ω,
tp(g) ≥ 20µs
-
5
20
mA
VAA = 6 V, RL = 100 Ω,
RGK = 1 kΩ, tp(g) ≥ 20µs,
TC = -40°C
-
-
2.5
VAA = 6 V, RL = 100 Ω,
RGK = 1 kΩ, tp(g) ≥ 20µs,
-
0.8
1.5
VGT
Gate trigger voltage
VAA = 6 V, RL = 100 Ω,
RGK = 1 kΩ, tp(g) ≥ 20µs,
TC = 110°C
0.2
-
-
V
VAA = 6 V, RGK = 1 kΩ, initiating
IT = 100 mA
-
-
40
IH
Holding current
VAA = 6 V, RGK = 1 kΩ, initiating
IT = 100 mA,
TC = -40°C
-
-
70
mA
VTM
Peak on-state voltage
ITM = 8A (see Note6)
-
-
1.7
V
dv/dt
Critical rate of rise of off-state
voltage
VD = Rated VD,
TC = 110°C
-
100
-
V/µs
Note 6:
This parameters must be measured using pulse techniques, tW = 300µs, duty cycle ≤ 2 %, voltage-sensing
contacts, separate from the courrent-carrying contacts, are located within 3.2mm (1/8 inch) from de device body.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com