Electronic Components Datasheet Search
  English  ▼

X  

TIC225C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIC225C
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC225C Datasheet(HTML) 3 Page - Comset Semiconductor

  TIC225C Datasheet HTML 1Page - Comset Semiconductor TIC225C Datasheet HTML 2Page - Comset Semiconductor TIC225C Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TIC225A, TIC225B, TIC225C, TIC225D, TIC225E, TIC225M,
TIC225N, TIC225S
Page 3 of 3
SEMICONDUCTORS
Note 6: This parameters must be measured using pulse techniques, tW = ≤1ms, duty cycle ≤ 2 %, voltage-sensing
contacts, separate from the courrent-carrying contacts are located within 3.2mm (1/8 inch) from de device body.
Note 7: The triacs are triggered by a 15-V (open circuit amplitude) pulse supplied by a generator with the
following characteristics : RG = 100Ω, tp(g) = 20 µs, tr = ≤ 15ns, f = 1 kHz.
MECHANICAL DATA CASE TO-220
Pin 1 :
Main Terminal 1
Pin 2 :
Main Terminal 2
Pin 3 :
Gate



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com