Electronic Components Datasheet Search
  English  ▼

X  

AD7171 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7171
Description  16-Bit Low Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7171 Datasheet(HTML) 3 Page - Analog Devices

  AD7171 Datasheet HTML 1Page - Analog Devices AD7171 Datasheet HTML 2Page - Analog Devices AD7171 Datasheet HTML 3Page - Analog Devices AD7171 Datasheet HTML 4Page - Analog Devices AD7171 Datasheet HTML 5Page - Analog Devices AD7171 Datasheet HTML 6Page - Analog Devices AD7171 Datasheet HTML 7Page - Analog Devices AD7171 Datasheet HTML 8Page - Analog Devices AD7171 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7171
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VREF = VDD, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
AD7171B1
Unit
Test Conditions/Comments
Min
Typ
Max
ADC CHANNEL
Output Data Rate (fADC)
125
Hz
Settling time = 3/fADC
No Missing Codes2
16
Bits
Resolution Peak-to-Peak (p-p)
16
Bits
VINx = 0 V, VREF = VDD
Effective Resolution (ENOB)
16
Bits
VINx = 0 V, VREF = VDD
RMS Noise
See Table 6
μV
VINx = 0 V, VREF = VDD
Integral Nonlinearity
±0.4
LSB
Offset Error
±200
μV
Offset Error Drift vs. Temperature
±250
nV/°C
Full-Scale Error
±0.015
% of FS
Gain Drift vs. Temperature
±0.07
LSB/°C
Power Supply Rejection
85
dB
VINx = 1 V
ANALOG INPUTS
Differential Input Voltage Range
±VREF
V
VREF = REFIN(+) − REFIN(−)
Absolute AINx Voltage Limits2
GND − 0.03
VDD + 0.03
V
Average Input Current2
±400
nA/V
Input current varies with input
voltage
Average Input Current Drift
±60
pA/V/°C
DC Common-Mode Rejection
90
dB
VINx = 1 V
REFERENCE
External REFIN Voltage
VDD
V
REFIN = REFIN(+) − REFIN(−)
Reference Voltage Range2
0.5
VDD
V
Absolute REFIN Voltage Limits2
GND − 0.03
VDD + 0.03
V
Average Reference Input Current
400
nA/V
Average Reference Input Current
Drift
±0.15
nA/V/°C
DC Common-Mode Rejection
110
dB
INTERNAL CLOCK
Frequency2
64 − 5%
64 + 5%
kHz
LOGIC INPUTS
SCLK, PDRST2
Input Low Voltage, VINL
0.4
V
VDD = 3 V
0.8
V
VDD = 5 V
Input High Voltage, VINH
1.8
V
VDD = 3 V
2.4
V
VDD = 5 V
SCLK (Schmitt-Triggered Input)2
Hysteresis
100
mV
VDD = 3 V
140
mV
VDD = 5 V
Input Currents
±2
μA
VIN = VDD or GND
Input Capacitance
5
pF
All digital inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com