Electronic Components Datasheet Search
  English  ▼

X  

AD7291BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7291BCPZ
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7291BCPZ Datasheet HTML 13Page - Analog Devices AD7291BCPZ Datasheet HTML 14Page - Analog Devices AD7291BCPZ Datasheet HTML 15Page - Analog Devices AD7291BCPZ Datasheet HTML 16Page - Analog Devices AD7291BCPZ Datasheet HTML 17Page - Analog Devices AD7291BCPZ Datasheet HTML 18Page - Analog Devices AD7291BCPZ Datasheet HTML 19Page - Analog Devices AD7291BCPZ Datasheet HTML 20Page - Analog Devices AD7291BCPZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Preliminary Technical Data
AD7291
Rev. PrC | Page 19 of 21
SERIAL BUS ADDRESS BYTE
The first byte the user writes to the device is the slave address
byte. Similar to all I2C-compatible devices, the AD7291 has a
7-bit serial address. The 4 LSBs are user-programmable by the
3 three-state input pins, AS0 and AS1 as shown in Table 29.
In Table 29, H means tie the pin to VDRIVE, L means tie the pin
to GND, and NC refers to a pin left floating. Note that in this
final case, the stray capacitance on the pin must be less than
30 pF to allow correct detection of the floating state; therefore,
any PCB trace must be kept as short as possible.
Table 29. Slave Address Control Using Three-State Input
Pins
AS1
AS0
Slave Address(A6 to A0)
Binary
Hex
H
H
010 0000
0x20
H
NC
010 0010
0x22
H
GND
010 0011
0x23
NC
H
010 1000
0x28
NC
NC
010 1010
0x2A
NC
GND
010 1011
0x2B
GND
H
010 1100
0x2C
GND
NC
010 1110
0x2E
GND
GND
010 1111
0x2F
INTERFACE PROTOCOL
The AD7291 uses the following I2C protocols.
Writing Two Bytes of Data to a 16-Bit Register
All registers on the AD7921 are 16 bit registers; therefore, two
bytes of data are required to write a value to any one of these
registers. Writing two bytes of data to a registers consists of the
following sequence:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts an acknowledge on SDA.
4. The master sends a register address. The slave asserts an
acknowledge on SDA.
5. The master sends the first data byte (most significant).
6. The slave asserts an acknowledge on SDA.
7. The master sends the second data byte (least significant).
8. The slave asserts an acknowledge on SDA.
9. The master asserts a stop condition on SDA to end the
transaction.
Writing to Multiple Registers
Writing to multiple address registers consists of the following:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device (AD7291) asserts an
acknowledge on SDA.
4. The master sends a register address, for example the
DATAHIGH CH1 register address. The slave asserts an
acknowledge on SDA.
5. The master sends the first data byte.
6. The slave asserts an acknowledge on SDA.
7. The master sends the second data byte.
8. The slave asserts an acknowledge on SDA.
9. The master sends a second register address, for example
the Command register. The slave asserts an acknowledge
on SDA.
10. The master sends the first data byte.
11. The slave asserts an acknowledge on SDA.
12. The master sends the second data byte.
13. The slave asserts an acknowledge on SDA.
14. The master asserts a stop condition on SDA to end the
transaction.
The previous examples detail writing to two registers only (the
DATAHIGH CH1 register and the Command register). However,
the AD7291 can read from multiple registers in one write
operation as shown in Table 12.
Figure 12. Writing Two Bytes of Data to a 16-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com