Electronic Components Datasheet Search
  English  ▼

X  

AZP54VG Datasheet(PDF) 8 Page - Arizona Microtek, Inc

Part # AZP54VG
Description  Low Phase Noise Sine Wave to LVPECL Buffer/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP54VG Datasheet(HTML) 8 Page - Arizona Microtek, Inc

  AZP54VG Datasheet HTML 1Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 2Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 3Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 4Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 5Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 6Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 7Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 8Page - Arizona Microtek, Inc AZP54VG Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AZP51
AZP52
AZP53
AZP54
December 2009 * REV - 2
www.azmicrotek.com
8
4. The footlength measuring is based on the
gauge plane method.
down for trim/form, ie. reverse trim/form.
3. Die is facing up for mold. Die is facing
2. Package surface to be matte finish VDI 11~13.
Y14.5M, 1982.
1. Dimensions and tolerances are as per ANSI
0.500(MAX)
0.350(MIN)
(6 PLCS)
2.90±0.100
L
C
L
C
TYP.
0.950
TYP.
0.950
NOTE:
5
0.15(MAX)
0.05(MIN)
SEATING PLANE
Gauge Plane
0.20 BSC
0°~3°
0.45
±0.10
(2 plcs)
10° TYP.
(2 plcs)
10° TYP.
10° TYP.
(2 plcs)
(2 plcs)
10° TYP.
0.127
5
6. Dimension are exclusive of solder plating.
5. Dimension are exclusive of mold flash and gate burr.
PACKAGE DIAGRAM
V – SOT-23 6L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com