Electronic Components Datasheet Search
  English  ▼

X  

AZV99T Datasheet(PDF) 13 Page - Arizona Microtek, Inc

Part # AZV99T
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99T Datasheet(HTML) 13 Page - Arizona Microtek, Inc

Back Button AZV99T Datasheet HTML 8Page - Arizona Microtek, Inc AZV99T Datasheet HTML 9Page - Arizona Microtek, Inc AZV99T Datasheet HTML 10Page - Arizona Microtek, Inc AZV99T Datasheet HTML 11Page - Arizona Microtek, Inc AZV99T Datasheet HTML 12Page - Arizona Microtek, Inc AZV99T Datasheet HTML 13Page - Arizona Microtek, Inc AZV99T Datasheet HTML 14Page - Arizona Microtek, Inc AZV99T Datasheet HTML 15Page - Arizona Microtek, Inc AZV99T Datasheet HTML 16Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AZV99
June 2009 * REV - 13
www.azmicrotek.com
13
PACKAGE DIAGRAM
MLP 16
DIMENSIONING AND TOLERANCING
CONFORM TO ASME T14-1994.
THE TERMINAL #1 AND PAD
NUMBERING CONVENTION SHALL
CONFORM TO JESD 95-1 SPP-012.
DIMENSION b APPLIES TO METALLIZED
PAD AND IS MEASURED BETWEEN 0.25
AND 0.30 mm FROM PAD TIP.
COPLANARITY APPLIES TO THE
EXPOSED PADS AS WELL AS THE
TERMINALS.
NOTES:
1.
2.
3.
4.
D
E
aaa
2 x
C
D
2
E
2
B
A
aaa
TOP VIEW
INDEX AREA
(D/2 x E/2)
2 x
C
2.
D2
D2/2
E2/2
E2
L
e
3 x
e
3 x
bbb
BOTTOM VIEW
C A B
3.
e
1
2
M
5.
INSIDE CORNERS OF METALLIZED PAD
MAY BE SQUARE OR ROUNDED
5.
16 x b
DIM
MIN
MAX
A
A1
A3
b
D
D2
E
E2
e
L
aaa
bbb
ccc
0.80
0.00
0.18
2.90
0.25
2.90
0.25
0.30
1.00
0.30
0.50
0.25 REF
0.50 BSC
0.25
0.10
0.10
MILLIMETERS
0.05
3.10
1.95
3.10
1.95
A
A1
A3
SIDE
VIEW
C
SEATING
PLANE
0.08 C
ccc C
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com