Electronic Components Datasheet Search
  English  ▼

X  

ADE5566 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE5566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5566 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE5566 Datasheet HTML 47Page - Analog Devices ADE5566 Datasheet HTML 48Page - Analog Devices ADE5566 Datasheet HTML 49Page - Analog Devices ADE5566 Datasheet HTML 50Page - Analog Devices ADE5566 Datasheet HTML 51Page - Analog Devices ADE5566 Datasheet HTML 52Page - Analog Devices ADE5566 Datasheet HTML 53Page - Analog Devices ADE5566 Datasheet HTML 54Page - Analog Devices ADE5566 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 51 of 156
FAULT DETECTION (ADE5166/ADE5169 ONLY)
The ADE5166/ADE5169 incorporate a fault detection scheme
that warns of fault conditions and allows accurate measurement to
continue during a fault event. (This feature is not available in the
ADE5566/ADE5569.) The ADE5166/ADE5169 do this by con-
tinuously monitoring both current inputs (IPA and IPB). For ease of
understanding, these currents are referred to as phase and neutral
(return) currents. In the ADE5166/ADE5169, a fault condition is
defined when the difference between IPA and IPB is greater than
6.25% of the active channel caused by amplitude or phase. If a
fault condition is detected and the inactive channel is larger than
the active channel, the ADE5166/ ADE5169 automatically switch
current measurement to the inactive channel. During a fault, the
active, reactive, and apparent power and the Irms are generated
using the larger of the two cur-rents. On power-up, IPA is the
current input selected for active, reactive, and apparent power
and Irms calculations.
To prevent a false alarm, averaging is done for the fault detection,
and a fault condition is detected approximately one second after
the event. The fault detection is automatically disabled when the
voltage signal is less than 0.3% of the full-scale input range. This
eliminates false detection of a fault due to noise at light loads.
Because the ADE5166/ADE5169 look for a difference between
the voltage signals on IPA and IPB, it is important that both current
transducers be closely matched.
Channel Selection Indication
The current channel selected for measurement is indicated
by the ICHANNEL bit (Bit 7) in the ACCMODE register
(Address 0x0F). When Bit 7 is cleared, IPA is selected; when Bit 7
is set, IPB is selected. The ADE5166/ADE5169 automatically switch
from one channel to the other and report the channel configuration
in the ACCMODE register.
The current channel selected for measurement can also be forced.
Setting the SEL_I_CH bits (Bits[5:4]) in the CALMODE register
(Address 0x3D) to 01 or 10 selects IPA and IPB, respectively. When
both bits are cleared or set, the current channel used for measure-
ment is selected automatically, based on the fault detection.
Fault Indication
The ADE5166/ADE5169 provide an indication of the part going
into or out of a fault condition. The new fault condition is indicated
by the FAULTSIGN flag (Bit 5) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC).
When the FAULTSIGN bit (Bit 6) in the ACCMODE register
(Address 0x0F) is cleared, the FAULTSIGN flag in the Interrupt
Status 1 SFR (MIRQSTL, Address 0xDC) is set when the part is
entering a fault condition or a normal condition.
When the FAULTSIGN bit (Bit 5) is set in the Interrupt Enable 1
SFR (MIRQENL, Address 0xD9) and the FAULTSIGN flag (Bit 5)
in the Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set,
the 8052 core has a pending ADE interrupt.
Fault with Active Input Greater Than Inactive Input
If IPA is the active current input (that is, IPA is being used for
billing), and the voltage signal on IPB (inactive input) falls below
93.75% of IPA, and the FAULTSIGN bit (Bit 6) of the ACCMODE
register (Address 0x0F) is cleared, the FAULTSIGN flag (Bit 5)
in the Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set.
Both analog inputs are filtered and averaged to prevent false
triggering of this logic output. As a consequence of the filtering,
there is a time delay of approximately 3 sec on the logic output
after the fault event. The FAULTSIGN flag is independent of
any activity. Because IPA is the active input and it is still greater
than IPB, billing is maintained on IPA; that is, no swap to the IPB
input occurs. IPA remains the active input.
Fault with Inactive Input Greater Than Active Input
If the difference between IPB (the inactive input) and IPA (the active
input that is being used for billing) becomes greater than 6.25%
of IPB, and the FAULTSIGN bit (Bit 6) in the ACCMODE register
(Address 0x0F) is cleared, the FAULTSIGN flag (Bit 5) in the Inter-
rupt Status 1 SFR (MIRQSTL, Address 0xDC) is set. The IPB analog
input becomes the active input. Again, a time constant of about
3 sec is associated with this swap. IPA does not swap back to the
active channel until IPA is greater than IPB and the difference
between IPA and IPB, in this order, becomes greater than 6.25% of IPB.
However, if the FAULTSIGN bit (Bit 6) in the ACCMODE register
(Address 0x0F) is set, the FAULTSIGN flag (Bit 5) in the Interrupt
Status 1 SFR (MIRQSTL, Address 0xDC) is set as soon as IPA is
within 6.25% of IPB. This threshold eliminates concerns about
potential chatter between IPA and IPB calibration.
Calibration Concerns
Typically, when a meter is calibrated, the voltage and current cir-
cuits are separated (see Figure 49). Current passes through only
the phase circuit or the neutral circuit. Figure 49 shows current
being passed through the phase circuit. This is the preferred option
because the ADE5166/ADE5169 start billing on the IPA input on
power-up. The phase circuit, CT, is connected to IPA in the diagram.
Because the current sensors are not perfectly matched, it is impor-
tant to match current inputs. The ADE5166/ADE5169 provide a
gain calibration register for IPB, IBGAIN (Address 0x1C). IBGAIN
is a 12-bit, signed, twos complement register that provides a gain
resolution of 0.0244%/LSB.
AGND
IB
IN
IPA
RF
RF
CF
CF
CT
CT
RB
RB
0V
VA
0
IPB
RF
RA
VP
RF
VN
CT
CF
V
TEST
CURRENT
240V rms
+
+
+
Figure 49. Fault Conditions for Inactive Input Greater Than Active Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com