| Electronic Components Datasheet Search |
|
ADE5566ASTZF62 Datasheet(PDF) 143 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5566ASTZF62 Datasheet(HTML) 143 Page - Analog Devices |
|
143 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 143 of 156 SPI INTERRUPT AND STATUS FLAGS The SPI interface has several status flags that indicate the status of the double-buffered receive and transmit registers. Figure 112 shows when the status and interrupt flags are raised. The transmit interrupt occurs when the transmit shift register is loaded with the data in the SPI/I2C transmit buffer SFR (SPI2CTx, Address 0x9A). If the SPI master is in transmit operating mode and the SPI2CTx SFR has not been written with new data by the beginning of the next byte transfer, the transmit operation stops. When a new byte of data is received in the SPI/I2C receive buffer SFR (SPI2CRx, Address 0x9B), the SPI receive interrupt flag, SPIRxIRQ (SPISTAT, Address 0xEA[4]), is raised. If the data in the SPI/I2C receive buffer SFR (SPI2CRx, Address 0x9B) is not read before new data is ready to be loaded into the SPI2CRx SFR, an overflow condition occurs. This overflow condition, indicated by the SPIRxOF flag (SPISTAT[5]), forces the new data to be discarded or overwritten, depending on the setting of the RxOFW bit (SPIMOD1, Address 0xE8[2]). SPITx TRANSMIT SHIFT REGISTER SPITxIRQ = 1 SPITx (EMPTY) TRANSMIT SHIFT REGISTER STOPS TRANSFER IF TIMODE = 1 SPIRx RECEIVE SHIFT REGISTER SPIRxIRQ = 1 SPIRx (FULL) RECEIVE SHIFT REGISTER SPIRxOF = 1 Figure 112. SPI Receive and Transmit Interrupt and Status Flags SCLK (SPICPOL = 0) MISO SCLK (SPICPOL = 1) MOSI SPIRx AND SPITx FLAGS WITH INTMOD = 1 SPIRx AND SPITx FLAGS WITH INTMOD = 0 SS SPIRx AND SPITx FLAGS WITH INTMOD = 0 SPICPHA = 1 MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MISO MOSI SPIRx AND SPITx FLAGS WITH INTMOD = 1 SPICPHA = 0 Figure 113. SPI Timing Configurations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |