| Electronic Components Datasheet Search |
|
ADE5566ASTZF62 Datasheet(PDF) 146 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5566ASTZF62 Datasheet(HTML) 146 Page - Analog Devices |
|
146 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 146 of 156 I2C RECEIVE AND TRANSMIT FIFOS The I2C peripheral has a 4-byte receive FIFO and a 4-byte transmit FIFO. The buffers reduce the overhead associated with using the I2C peripheral. Figure 116 shows the operation of the I2C receive and transmit FIFOs. The Tx FIFO buffer can be loaded with four bytes to be transmitted to the slave at the beginning of a write operation. When the trans- mit FIFO is empty, the I2C transmit interrupt flag (I2CTxIRQ) is set in the I2C interrupt status SFR (SPI2CSTAT, Address 0xEA[4]), and the PC vectors to the I2C interrupt vector if this interrupt is enabled. If a new byte is not loaded into the Tx FIFO before it is needed in the transmit shift register, the communication stops. An error, such as not receiving an acknowledgement, also causes the communication to terminate. In case of an error during a write operation, the Tx FIFO is flushed. The Rx FIFO buffer allows four bytes to be read in from the slave before the MCU has to read the data. A receive interrupt can be gener-ated after each byte is received or when the Rx FIFO is full. If the peripheral is reading from a slave address, the communi- cation stops when the number of received bytes equals the number set in the I2CRCT bits in the I2CMOD SFR (Address 0xE8[4:0]). An error, such as not receiving an acknowledgement, also causes the communication to terminate. I2CTx 4-BYTE FIFO MOV I2CTx, TxDATA1 MOV I2CTx, TxDATA2 MOV I2CTx, TxDATA3 MOV I2CTx, TxDATA4 CODE TO FILL Tx FIFO: TRANSMIT SHIFT REGISTER I2CRx RECEIVE SHIFT REGISTER 4-BYTE FIFO CODE TO READ Rx FIFO: MOV A, I2CRx; RESULT: A = RxDATA1 MOV A, I2CRx; RESULT: A = RxDATA2 MOV A, I2CRx; RESULT: A = RxDATA3 MOV A, I2CRx; RESULT: A = RxDATA4 TxDATA1 TxDATA2 TxDATA3 TxDATA4 RxDATA4 RxDATA3 RxDATA2 RxDATA1 Figure 116. I2C FIFO Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |