Electronic Components Datasheet Search
  English  ▼

X  

ADL5802 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5802
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5802 Datasheet HTML 17Page - Analog Devices ADL5802 Datasheet HTML 18Page - Analog Devices ADL5802 Datasheet HTML 19Page - Analog Devices ADL5802 Datasheet HTML 20Page - Analog Devices ADL5802 Datasheet HTML 21Page - Analog Devices ADL5802 Datasheet HTML 22Page - Analog Devices ADL5802 Datasheet HTML 23Page - Analog Devices ADL5802 Datasheet HTML 24Page - Analog Devices ADL5802 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADL5802
Rev. 0 | Page 21 of 32
SPUR PERFORMANCE
All spur tables are (N × fRF) − (M × fLO) and were measured using the standard evaluation board (see the Evaluation Board section). Mixer
spurious products are measured in decibels relative to the carrier (dBc) from the IF output power level. Data was measured for frequencies
less than 6 GHz only. The typical noise floor of the measurement system is −100 dBm.
900 MHz Performance
VS = 5 V, VSET = 4 V, TA = 25°C, RF power = 0 dBm, LO power = 0 dBm, fRF = 900 MHz, fLO = 703 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−35.9
−25.5
−47.3
−27.4
−51.5
−37.5
−62.1
−47.5
1
−34.3
0.0
−46.3
−19.8
−64.3
−30.0
−75.6
−45.0
−67.8
−55.3
2
−49.1
−69.2
−68.2
−61.6
−68.7
−80.7
−67.5
−88.1
−79.1
−82.6
−91.5
≤100
3
−86.7
−79.6
≤100
−67.3
−98.0
−71.0
≤100
−86.3
≤100
≤100
≤100
−98.4
≤100
4
−91.8
≤100
−96.4
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
5
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
6
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
N
7
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
8
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
9
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
10
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
11
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
12
≤100
≤100
≤100
≤100
≤100
≤100
≤100
≤100
13
≤100
≤100
≤100
≤100
≤100
≤100
14
≤100
≤100
≤100
≤100
≤100
15
≤100
≤100
≤100
≤100
2090 MHz Performance
VS = 5 V, VSET = 4 V, TA = 25°C, RF power = 0 dBm, LO power = 0 dBm, fRF = 2090 MHz, fLO = 1842 MHz, Z0 = 50 Ω.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−43.0
−23.7
−52.9
1
−26.8
0.0
−59.6
−42.2
−80.5
2
−59.8
−71.9
−53.8
−67.5
−68.2
−84.1
3
−67.6
−97.6
−59.3
−92.2
−79.3
≤100
4
≤100
≤100
−93.7
−97.8
≤100
≤100
5
≤100
≤100
−96.1
≤100
≤100
≤100
6
≤100
≤100
≤100
≤100
≤100
≤100
≤100
N
7
≤100
≤100
≤100
≤100
≤100
≤100
≤100
8
≤100
≤100
≤100
≤100
≤100
≤100
≤100
9
≤100
≤100
≤100
≤100
≤100
≤100
≤100
10
≤100
≤100
≤100
≤100
≤100
≤100
11
≤100
≤100
≤100
≤100
≤100
12
≤100
≤100
≤100
≤100
13
≤100
≤100
≤100
14
≤100
≤100
15
≤100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com