Electronic Components Datasheet Search
  English  ▼

X  

ADP5022 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5022
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022 Datasheet(HTML) 3 Page - Analog Devices

  ADP5022 Datasheet HTML 1Page - Analog Devices ADP5022 Datasheet HTML 2Page - Analog Devices ADP5022 Datasheet HTML 3Page - Analog Devices ADP5022 Datasheet HTML 4Page - Analog Devices ADP5022 Datasheet HTML 5Page - Analog Devices ADP5022 Datasheet HTML 6Page - Analog Devices ADP5022 Datasheet HTML 7Page - Analog Devices ADP5022 Datasheet HTML 8Page - Analog Devices ADP5022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP5022
Rev. A | Page 3 of 28
SPECIFICATIONS
VDDA = VIN1 = VIN2 = 3.6 V, VIN3 = (VOUT3 + 0.5 V) or 2.4 V, whichever is greater, VIN3 ≤ VIN1, TJ = −40°C to +125°C, unless
otherwise noted.1
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
System and Buck Input Supplies Voltage Range
VDDA, VIN1,
and VIN2
Low UVLO level models
2.4
5.5
V
High UVLO level models
4.5
5.5
V
LDO Input Supply Voltage Range
VIN3
2.3
5.5
V
SHUTDOWN CURRENT
IGND-SD
EN1 = EN2 = EN3 = GND
0.5
μA
EN1 = EN2 = EN3 = GND
TJ = −40°C to +85°C
2
μA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSDTH
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSDHYS
20
°C
EN1, EN2, EN3, MODE INPUTS
EN1, EN2, EN3, MODE Input Logic High
VIH
VDDA = VIN1 = VIN2
1.2
V
EN1, EN2, EN3, MODE Input Logic Low
VIL
VDDA = VIN1 = VIN2
0.4
V
EN1, EN2, EN3, MODE Input Leakage Current
VI-LEAKAGE
Pin at (VDDA = VIN1 = VIN2) or GND
0.05
1
μA
STANDBY CURRENT
All Channels Enabled, No Load
ISTBY
80
μA
All Channels Enabled, No Load, No Buck Switching
ISTBY-NOSW
59
85
μA
VIN3 UNDERVOLTAGE LOCKOUT
Input Voltage Rising
UVLOVIN3RISE
2.20
V
Input Voltage Falling
UVLOVIN3FALL
1.45
V
VDDA UNDERVOLTAGE LOCKOUT
Input Voltage Rising
UVLOVDDARISE
High UVLO level (factory programmed)
4.15
V
Low UVLO level (factory programmed)
2.35
V
Input Voltage Falling
UVLOVDDAFALL
High UVLO level (factory programmed)
3.40
V
Low UVLO level (factory programmed)
2.00
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com