Electronic Components Datasheet Search
  English  ▼

X  

1214-110V Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1214-110V
Description  110 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1214-110V Datasheet(HTML) 2 Page - Advanced Power Technology

  1214-110V Datasheet HTML 1Page - Advanced Power Technology 1214-110V Datasheet HTML 2Page - Advanced Power Technology 1214-110V Datasheet HTML 3Page - Advanced Power Technology 1214-110V Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1214-110V R1
MICROSEMI CORP. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT
VERSION PLEASE CHECK OUR WEB SITE
AT WWW. MICROSEMI.COM OR CONTACT OUR FACTORY DIRECT.
Microsemi Corp. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 /869-2324
Performance Curves
1214-110V
Pin vs. Pout
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
Pin (W)
1200 MHz
1300 MHz
1400 Mhz
1214-110V
Pin vs. Efficency
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0
5
10
15
20
25
30
35
Pin (W)
1200 MHz
1300 MHz
1400 MHz
1214-110V
Pin vs. Gain
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
5
10
15
20
25
30
35
Pin (W)
1200 MHz
1300 MHz
1400 MHz
Impedance Information
Frequencies (MHz)
)
(
Ω
Source
Z
)
(
Ω
Load
Z
2
1200
3.36-j3.12
4.97+j0.15
1300
3.5-j2.4
5.33-j2.86
1400
3.81-j1.3
2.88-j3.86
Note 2:
Load
Z
exclusive of bias circuit
1214-110V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com