Electronic Components Datasheet Search
  English  ▼

X  

1214-300M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1214-300M
Description  300 Watts - 40 Volts, 150ms, 10% Radar 1200 - 1400 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1214-300M Datasheet(HTML) 2 Page - Advanced Power Technology

  1214-300M Datasheet HTML 1Page - Advanced Power Technology 1214-300M Datasheet HTML 2Page - Advanced Power Technology 1214-300M Datasheet HTML 3Page - Advanced Power Technology 1214-300M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1214-300M Rel 3
ADVANCED POWER TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT
VERSION PLEASE CHECK OUR WEB SITE
AT WWW. ADVANCEDPOWER.COM OR CONTACT OUR FACTORY DIRECT.
Advanced Power Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 /869-2324
Performance Curves
1214-300M
Pin vs. Pout
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
Pin (W)
1200 MHz
1300 MHz
1400 MHz
1214-300M
Pin vs. Efficency
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0
10
20
30
40
50
60
70
Pin (W)
1200 MHz
1300 MHz
1400 MHz
1214-300M
Pin vs. Gain
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
10
20
30
40
50
60
70
Pin (W)
1200 MHz
1300 MHz
1400 MHz
Impedance Information
Source Impedance
-4
-3
-2
-1
0
1
2
1200
1300
1400
Frequency
Rs
jXs
Load Impedance
-1
-0.5
0
0.5
1
1.5
1200
1300
1400
Frequency
Rl
jXl
Impedance
Freq
Zs
Zl
1200
1.32-j2.82
1.03-j0.75
1300
1.28-j2.26
0.95-j0.41
1400
1.26-j1.78
0.75-j0.00
1214– 300M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com