Electronic Components Datasheet Search
  English  ▼

X  

APT40DS04HJ Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT40DS04HJ
Description  ISOTOP Schottky Diode Full Bridge Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT40DS04HJ Datasheet(HTML) 2 Page - Microsemi Corporation

  APT40DS04HJ Datasheet HTML 1Page - Microsemi Corporation APT40DS04HJ Datasheet HTML 2Page - Microsemi Corporation APT40DS04HJ Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APT40DS04HJ
www.microsemi.com
2- 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
20
IR
Reverse Current
VR = 45V
Tj = 125°C
200
mA
Tj = 25°C
0.58
VF
Forward Voltage
IF = 40A
Tj = 125°C
0.48
V
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal resistance
1.1
RthJA
Junction to Ambient
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG
Storage Temperature Range
-55
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g
SOT-227 (ISOTOP
®) Package Outline
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
3.30 (.130)
4.57 (.180)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com