Electronic Components Datasheet Search
  English  ▼

X  

VRF141G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VRF141G
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF141G Datasheet(HTML) 4 Page - Microsemi Corporation

  VRF141G Datasheet HTML 1Page - Microsemi Corporation VRF141G Datasheet HTML 2Page - Microsemi Corporation VRF141G Datasheet HTML 3Page - Microsemi Corporation VRF141G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VRF141G
Package Dimensions (inches)
All Dimensions are
± .005
HAZARDOUS MATERIAL
WARNING
The ceramic portion of the device
between leads and mounting
flange is beryllium oxide.
Beryllium oxide dust is highly
toxic when inhaled. Care must
be taken during handling and
mounting to avoid damage to this
area. These devices must never
be thrown away with general
industrial or domestic waste.
.435
.225
0.200
0.400
0.390
1.100
1.340
.005
.210
.860
.107
.060
.065 rad 2 PL
1
3
2
4
5
Pin 1. Drain
2. Drain
3. Gate
4. Gate
5. Source
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4