Electronic Components Datasheet Search
  English  ▼

X  

VRF190E Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VRF190E
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF190E Datasheet(HTML) 4 Page - Microsemi Corporation

  VRF190E Datasheet HTML 1Page - Microsemi Corporation VRF190E Datasheet HTML 2Page - Microsemi Corporation VRF190E Datasheet HTML 3Page - Microsemi Corporation VRF190E Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VRF190E
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
Seating Plane
C
J
H
PIN 1 - SOURCE
PIN 2 - GATE
PIN 3 - SOURCE
PIN 4 - DRAIN
.5” SOE Package Outline
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.096
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
11.0
M
45° NOM
45° NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54
+ 100VDC
+
+
C8
C3
C6
C5
C7
L1
R4
R2
R3
R1
C4
C2
C1
C11
Bias
0-12V
C9
C10
RF
Input
RF
Output
DUT
T2
C1 -- 470 pF ATC 100B
C2, C5 - C9 -- 0.1uF 100V
C3 -- 180pF metal-clad mica
C4 -- 33uF 35V Electrolytic
C10 -- 10uF, 100V Electrolytic
C11 -- 15pF, ATC 100B
L1 -- 2 Ferrite beads, 2.0 uH
R1, R2 -- 1k W 1/4W SMT
R3 -- 3.3 W 1W SMT
R4 -- 1k W 1/4W
T1 -- 9:1 Transformer
T2 -- 1:2 Transformer, 2t:3t
DUT -- VRF190 C1 -- 470 pF
ATC 100B
30 MHz Test Circuit
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com