Electronic Components Datasheet Search
  English  ▼

X  

CF78MPP225 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # CF78MPP225
Description  SNUBBER CAPACITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

CF78MPP225 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  CF78MPP225 Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - CF78MPP225

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Microchip Technology
CF745 MICROCHIP-CF745 Datasheet
1Mb / 217P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
logo
Siemens Semiconductor G...
CF750 SIEMENS-CF750 Datasheet
51Kb / 6P
GaAs MMIC (Biased Dual Gate GaAs FET)
logo
Satco Products, Inc.
CF7DS/827 SATCO-CF7DS/827 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
CF7DS/835 SATCO-CF7DS/835 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
More results

Similar Description - CF78MPP225

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCD474K601A3Z25-F CDE-SCD474K601A3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCM474K601H7N29-F CDE-SCM474K601H7N29-F Datasheet
85Kb / 2P
Single/Dual IGBT Snubber Capacitor Modules
SCMT474K601H7N28-F CDE-SCMT474K601H7N28-F Datasheet
428Kb / 3P
Single/Dual IGBT Snubber Capacitor Modules
SCT474K601A3B25-F CDE-SCT474K601A3B25-F Datasheet
417Kb / 3P
Snubber Film Capacitor
logo
Okaya Electric America,...
AFV OKAYA-AFV Datasheet
333Kb / 1P
SNUBBER CAPACITOR
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
RC Network (Snubber Capacitor)
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
Metallized Polypropylene Film Capacitor Radial Snubber Type
11-Nov-13
logo
Okaya Electric America,...
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
SNUBBER CAPACITOR
logo
Cornell Dubilier Electr...
SCM CDE-SCM Datasheet
525Kb / 3P
Single/Dual IGBT Snubber Capacitor Modules
logo
Vishay Siliconix
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
Double Metallized Polypropylene Film Capacitor Radial Snubber Type
19-Mar-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com