Electronic Components Datasheet Search
  English  ▼

X  

33972T Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33972T
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33972T Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33972T Datasheet HTML 1Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 2Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 3Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 4Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 5Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 6Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 7Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 8Page - Freescale Semiconductor, Inc 33972T Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33972
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VDD Supply Voltage
CS,
SI, SO, SCLK, INT, AMUX(1)
–
-0.3 to 7.0
VDC
WAKE(1)
–
-0.3 to 40
VDC
VPWR Supply Voltage(1)
–
-0.3 to 50
VDC
VPWR Supply Voltage at -40C(1)
–
-0.3 to 45
VDC
Switch Input Voltage Range
–
-14 to 40
VDC
Frequency of SPI Operation (VDD = 5.0 V)
–
6.0
MHz
ESD Voltage(3)
Human Body Model(2)
Applies to all non-input pins
Machine Model
Charge Device Model
Corner Pins
Interior Pins
VESD
±2000
±2000
±200
750
500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Power Dissipation (TA = 25°C)(4)
PD
1.7
W
Thermal Resistance
Non-Exposed Pad
Junction to Ambient
Junction to Lead
Exposed Pad
Junction to Ambient
Junction to Exposed Pad
RθJA
RθJL
RθJA
RθJC
74
25
71
1.2
°C/W
Peak Package Reflow Temperature During Reflow(5), (6)
TPPRT
Note 6
°C
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
ESD data available upon request.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), and ESD2 testing is performed
in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
4.
Maximum power dissipation at TJ = 150°C junction temperature with no heat sink used.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com