Electronic Components Datasheet Search
  English  ▼

X  

OXPCIE840 Datasheet(PDF) 2 Page - PLX Technology

Part # OXPCIE840
Description  PCI Express to Parallel Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXPCIE840 Datasheet(HTML) 2 Page - PLX Technology

  OXPCIE840 Datasheet HTML 1Page - PLX Technology OXPCIE840 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OXPCIe840, PCI Express to Parallel Port
Outstanding Performance
The OXPCIe840 offers the flexibility of SPP, EPP,
and ECP modes of parallel port operation, with
advanced MSI interrupt handling for optimum system
performance.
Its 5V tolerant IOs can be connected directly to a
parallel port device or for true 5V signalling
environments the OXPCIe840 includes the direction
control logic required for an external parallel port
driver. Additionally the device provides 8
GPIO/PWM lines for further flexibility and product
customization.
With comprehensive power management and
industrial temperature range as standard, the
OXPCIe840 is perfect for power and temperature
sensitive ExpressCard and MiniCard designs and is
the choice for high performance systems.
To support these advanced features the OXPCIe840 is
backed by a dedicated PLX device driver that is
quality assured, exhaustively tested and WHQL
approved; saving development time and providing
peace of mind.
OXPCIe840
Development Support
Design and evaluation of the OXPCIe840 couldn’t be
easier with this comprehensive reference design kit
(RDK). The RDK includes everything you need for
PC installation and evaluation including Hardware,
Oxide Development Tools and software device
drivers. Simply plug the half length PCI Express
evaluation board into any PCI Express slot, install the
software and its ready to go.
Changing the dynamics of device customization,
Oxide development tools enable customization of the
OXPCIe840 in minutes. No more complex, time
consuming, error prone manual editing of
programming files and driver source code; Oxide’s
intuitive graphical user interface provides simple
‘point and click’ feature selection and text box entry
for fast, error free customization with minimal
software expertise as well as instant access to up to
date documentation, software and reference designs.
Check the PLX website for details.
Ordering Information
Part Number
Description
OXPCIe840-FBAG
Parallel Port to PCIe Bridge
EK-OXPCIe840
Reference Design Kit
© PLX Technology, www.plxtech.com
Page 2 of 2
4/29/2009, Version 1.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com