Electronic Components Datasheet Search
  English  ▼

X  

OXPCIE954 Datasheet(PDF) 1 Page - PLX Technology

Part # OXPCIE954
Description  PCI Express to Quad Serial Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXPCIE954 Datasheet(HTML) 1 Page - PLX Technology

  OXPCIE954 Datasheet HTML 1Page - PLX Technology OXPCIE954 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXPCIe954, PCI Express to Quad Serial Port
Highlights
General Features
o
Quad UART with port expansion interface
o
PCIe x1 end-point
-
Integrated 2.5 GT/s SerDes
o
13 x 13mm
2, 176-pin TFBGA package
o
Typical Power: 200 mWatts
Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1 (backwards
compatible with PCIe r1.0a)
-
PCI Power Management Spec, r1.2
-
ExpressCard, Mini Card & AIC compatible
-
MSI/MSI-X compatible
-
ASPM (L0S, L1) Link power management
o
High Performance
-
PLX’s Oxford 950 UART
-
DMA/bus mastering of both UARTs
-
Asynchronous baud rates up to 15 Mbps
-
128-byte deep transmit/receive FIFO
-
9, 8, 7, 6 & 5-bit data framing
-
Automated in & out-of-band flow control
-
Advanced FIFO fill management
-
Seamless port expansion interface to a second
OXPCIe954/8 for 8/12 port solution
o
Flexibility
-
RS232, RS422, RS485 and IrDA operation
-
Flexible clock pre-scaler from 1 to 31.875
-
Programmable RS485 Turn-around delay
-
450 through 950 software compatibility
-
8 user-configurable GPIOs/PWMs
-
Device parameters configurable via EEPROM
-
1.8V, 2.5V or 3.3V UART & GPIO I/O voltage
o
Robust Operation
-
Operation from a single 3.3 V supply
-
Industrial temperature range -40°C to 85°C
o
Broad Device Driver Support
-
Windows Vista/XP/2K
-
WinCE 4.2/5.0/6.0
-
Linux 2.4/2.6
Part of the Expresso family of high performance PCI
Express devices, the OXPCIe954 is a single chip quad
serial port device with port expansion interface in a
range of 2, 4 & 8 port solutions, that includes the
OXPCIe952 & OXPCIe958.
Incorporating PLX Technology’s ultra high
performance Oxford 950 UART technology, the
device combines outstanding system performance
with unrivalled flexibility for even the most
demanding of serial applications.
Complete with the Oxide development tools and
certified device drivers, the OXPCIe954 is easy to
design-in and the ideal connectivity solution for a
diverse range of products including: PC Add-on
Cards, Industrial PC, Point of Sale Terminals,
Industrial Control, Building Automation and Network
Management.
Accelerate your product development and time to
market with Oxide and PLX Technology’s easy to
design-in, high performance serial connectivity
solutions that just work.
© PLX Technology, www.plxtech.com
Page 1 of 2
4/29/2009, Version 1.00


Similar Part No. - OXPCIE954

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIe952-FBAG PLX-OXPCIe952-FBAG Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
OXPCIe958-FBAG PLX-OXPCIe958-FBAG Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
More results

Similar Description - OXPCIE954

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
PCI Express to 2-Port Serial ATA II Host Controller
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
PCI Express to Serial ATA Controller
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
X1 PCI Express Serial Link
logo
PLX Technology
OXPCIE840 PLX-OXPCIE840 Datasheet
153Kb / 2P
PCI Express to Parallel Port
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIE958 PLX-OXPCIE958 Datasheet
183Kb / 2P
PCI Express to Octal Serial Port
OXUPCI954 PLX-OXUPCI954 Datasheet
505Kb / 3P
Universal PCI bridge to quad serial and parallel port
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
logo
Moxa Inc.
CP-104EL-A MOXA-CP-104EL-A Datasheet
556Kb / 3P
4-port RS-232 PCI Express serial boards
CP-168EL-A MOXA-CP-168EL-A Datasheet
966Kb / 3P
8-port RS-232 PCI Express serial boards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com