Electronic Components Datasheet Search
  English  ▼

X  

OXUPCI952 Datasheet(PDF) 3 Page - PLX Technology

Part # OXUPCI952
Description  Universal PCI bridge to dual serial and parallel port
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXUPCI952 Datasheet(HTML) 3 Page - PLX Technology

  OXUPCI952 Datasheet HTML 1Page - PLX Technology OXUPCI952 Datasheet HTML 2Page - PLX Technology OXUPCI952 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright 2007, Oxford Semiconductor, Inc.
October 2007, REV. 1.0
Outstanding Performance
The OXuPCI952 integrates two ultra high
performance Oxford 950 UARTs that combine
class leading 15Mbps asynchronous data rates
and the industry’s deepest FIFOs, for maximum
throughput, minimum CPU overhead and optimal
system performance. Advanced features of the
device, such as automated in-band flow control,
readable FIFO levels and RS485 turnaround delay,
provide further scope to fine tune performance,
while the flexible clock pre-scaler provides a wide
range of baud rates.
To support these advanced features the
OXuPCI952 is backed by a dedicated Oxford
device driver that is quality assured, exhaustively
tested and WHQL approved; saving development
time and providing peace of mind.
Development environment
The OXuPCI952 evaluation kit supports rapid
evaluation and design for accelerated time to
market.
Central to this is the short form PCI evaluation
board; plugged into any PCI card slot it provides
access to all aspects of the device. But, it doesn’t
stop there; the kit has everything needed for PC
installation and evaluation including cables,
expansion brackets and Oxford’s device drivers.
The inclusion of OXide, Oxford’s Windows
compatible development tool, makes device
configuration and management fast and easy.
Evaluation kit contents
•
OXuPCI952 evaluation board
•
OXuPCI952 chip samples x 2
•
4-way serial breakout cable
•
Parallel port expansion bracket
•
Evaluation CD including:
–
OXide
–
Device Drivers
–
Documentation
Contact details
Sales email: sales@oxsemi.com
Web: www.oxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com