Electronic Components Datasheet Search
  English  ▼

X  

OXUPCI954 Datasheet(PDF) 2 Page - PLX Technology

Part # OXUPCI954
Description  Universal PCI bridge to quad serial and parallel port
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXUPCI954 Datasheet(HTML) 2 Page - PLX Technology

  OXUPCI954 Datasheet HTML 1Page - PLX Technology OXUPCI954 Datasheet HTML 2Page - PLX Technology OXUPCI954 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright 2007, Oxford Semiconductor, Inc.
October 2007, REV. 1.0
Description
Part of Oxford Semiconductor’s family of high
performance serial connectivity solutions, the
OXuPCI954 is a single chip, dual serial and
parallel port solution for universal PCI based
connectivity.
Incorporating Oxford Semiconductor’s ultra high
performance 950 UART technology, it combines
outstanding system performance with unrivalled
flexibility for even the most demanding of serial
applications.
Complete with development tools and certified
device drivers, effectively reducing design cycles
and accelerating time to market, the OXuPCI954 is
the ideal connectivity solution for a diverse range
of products including: PC Add-on Cards,
Industrial PC, Point of Sale Terminals, Industrial
Control, Building Automation and Network
Management.
Features
OXuPCI954
Universal PCI bridge to quad serial and parallel port
o
3.3V or 5V operation
o
4 high performance UARTs with peak
asynchronous data rates up to 15Mbps
o
RS232/422/485 full and half duplex interfaces
o
Deep 128-Byte receive/transmit FIFOs
o
Full modem interface with hardware out of
band flow control
o
Programmable RS485 turnaround delay
o
Automated Xon/Xoff in-band flow control
o
Flexible clock prescalar allows for a wide range
of baud rates
o
Infra-red (IrDA) receive and transmit operation
o
IEEE 1284 compliant SPP, EPP and ECP parallel
port
o
8 bit pass-through local bus for port expansion
o
11 GPIOs
o
PCI 3.0 and Power Management 1.1 compliant
o
Software compatible with industry standard
16C550 type devices
o
176 LQFP package
o
Industrial temperature range (-40 to +85°C)
o
Certified device drivers for a wide range of
operating systems including Windows Vista/XP
and Linux



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com