Electronic Components Datasheet Search
  English  ▼

X  

OXE810SE Datasheet(PDF) 1 Page - PLX Technology

Part # OXE810SE
Description  Single Drive NAS System Device with Encryption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXE810SE Datasheet(HTML) 1 Page - PLX Technology

  OXE810SE Datasheet HTML 1Page - PLX Technology OXE810SE Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXU810SE, Single Drive NAS System Device with Encryption
Highlights
General Features
o
Seamless interface to an integrated
SATA port
Key Features
o
Seamless interface to an integrated
SATA port
o
Accessible from multiple clients using
Ethernet (integrated 10/100/1000
Ethernet MAC) with MII and GMII
support, or IEEE 802.11g/n Wi-Fi (via
PCI interface)
o
367 MHz ARM926EJ-S processor with
32 Kbyte caches & MMU
o
TSO (TCP/IP segmentation offload)
o
Supports multiple software
architectures
-
Linux OS
-
TCP/IP & CIFS
-
EXT3
-
XFS
o
Simple to install - no specialist user
knowledge necessary; automatic
installation with DHCP client & simple
configuration
o
Integrated fan tachometer/thermistor
controller and pulse width modulators
o
Integrated hardware 128-bit AES
encryption/decryption engine
o
5 channel DMA controller
o
USB 2.0 & USB 1.1 host controllers
o
128 Kbyte on-chip SRAM
o
DDR1/2 SDRAM controller 16 bit
interface supports combinations up to
256 Mbytes addressable storage
o
16 bit static memory interface (optional
- device boots from HDD) supports up
to 4 Mbytes addressable storage per
chip-select
o
35 GPIO for easy customization
The OXE810SE is a consumer network-attached storage (NAS) device and is the
successor to the OXE800SE. It delivers a wide array of consumer specific
applications such as media server and atomatic backup combined with easy-to-
use software making it ideal for consumers who need to store and share their
digital content.
The OXE810SE has an outstanding price/performance ratio with a high level of
integration and includes advanced encryption capabilities in hardware. It offers
diverse connectivity including 10/100/1000 Ethernet plus CIFS over TCIP/IP,
XFS and EXT3.
This adaptable and highly-configurable device also supports connections to IEEE
802.11g/n and other standard wireless chips via mini PCI. It provides an
integrated SATA port, a USB high-speed port and two USB full-speed host ports
supporting additional expansion capability via USB HDDs.
Embedded ARM Processor
An integrated ARM926EJ-S processor @367MHz, featuring an MMU and 32
Kbyte caches, runs Linux OS with a full network stack. For system control, there
is an integrated fan tachometer/thermistor controller and pulse width modulators.
Used in conjunction, these facilities can optionally trigger and modulate a fan or
initiate protective measures.
SATA Interface
The embedded 3GHz SATA host interfaces supports the latest revisions of the
SATA II specifications. Interface speeds of 3GHz and 1.5GHz deliver maximum
performance with minimum latency for external SATA storage.
USB Multi-Port Host Controller
The USB can be used to connect to external USB HDDs via the high-speed 480-
Mbps port A, or to other peripherals, such as printers or USB memory via the
full-speed 12-Mbps ports B and C as well as port A. The controller has its own
DMA engine to collect and store packets either in internal SRAM or external
SDRAM.
Static RAM Controller
The static memory controller can interface to any static memory type device. In
addition to static RAM, it can also interface to intelligent LCD controllers and
NOR flash.
PCI Controller
The PCI core can be configured as a host or device under software control. It can
be used to communicate with planar PCI devices or mini-PCI cards such as
SATA controllers and 802.11 wireless LAN controllers. In PCI host mode the
controller can support up to 4 external devices on the bus.
© PLX Technology, www.plxtech.com
Page 1 of 1
4/8/2009, Version 1.0


Similar Part No. - OXE810SE

ManufacturerPart #DatasheetDescription
logo
ABB
OXEC21 ABB-OXEC21 Datasheet
118Kb / 2P
OXEC21 HMI PROTECTIVE COVER
OXES250G1L ABB-OXES250G1L Datasheet
111Kb / 2P
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L ABB-OXES250G1L Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
OXES250G1L/3 ABB-OXES250G1L/3 Datasheet
111Kb / 2P
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L/4 ABB-OXES250G1L/4 Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
More results

Similar Description - OXE810SE

ManufacturerPart #DatasheetDescription
logo
Winbond
W99685FS WINBOND-W99685FS Datasheet
279Kb / 22P
SYSTEM CAMERA DEVICE
W99685BS WINBOND-W99685BS Datasheet
253Kb / 20P
SYSTEM CAMERA DEVICE
logo
Harris Corporation
KGV-72 HARRIS-KGV-72 Datasheet
2Mb / 2P
TYPE-1 PROGRAMMABLE ENCRYPTION DEVICE
logo
PLX Technology
OXU810DSE PLX-OXU810DSE Datasheet
153Kb / 2P
Dual Drive NAS System Device with Encryption
OXUFS946DSE PLX-OXUFS946DSE Datasheet
361Kb / 2P
Dual SATA RAID Controller with Encryption
logo
ON Semiconductor
TND525SS-TL-2H ONSEMI-TND525SS-TL-2H Datasheet
461Kb / 13P
Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
TND524VS-TL-H ONSEMI-TND524VS-TL-H Datasheet
419Kb / 11P
Excellent Power Device Single-phase High Side Drive, Single VEC8
August, 2013
logo
List of Unclassifed Man...
HD-PNTU3 ETC2-HD-PNTU3 Datasheet
1Mb / 2P
USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
LS421DE ETC2-LS421DE Datasheet
3Mb / 2P
LinkStation LS421DE NAS
logo
Western Digital Corpora...
WD140EFFX WESTERN-WD140EFFX Datasheet
697Kb / 4P
There?셲 a leading edge WD Red drive for every compatible NAS system to help fulfill your data storage needs.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com