Electronic Components Datasheet Search
  English  ▼

X  

OXU931SF Datasheet(PDF) 1 Page - PLX Technology

Part # OXU931SF
Description  Hi-Speed USB 2.0 to SATA Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXU931SF Datasheet(HTML) 1 Page - PLX Technology

  OXU931SF Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OXU931SF, Hi-Speed USB 2.0 to SATA Controller
© PLX Technology, www.plxtech.com
Page 1 of 1
4/8/2009, Version 1.0
Highlights
General Features
o
High performance SATA storage
controller with external flash support
Key Features
o
Integrated SATA core and PHY
o
Integrated 480Mbps USB2.0 high
speed core and PHY
o
Integrated program ROM
o
I2C interface for optional EEPROM
o
Internal 3.3V to 1.8V regulator
o
Single crystal operation
o
Support for USB Human Interface
Device
o
Support for button push apps
o
Support for ATA HDD and ATAPI
o
8 GPIO for easy product customization
The OXU931SF is a single chip solution for bridging between USB2.0 and hard
disks. Optimized for performance and low cost of ownership, the OXU931SF is
ideal for creating external storage devices which connect to a PC or Mac via the
USB2.0 port.
The integrated ARM7 and external flash enable the development of customized
solutions to exactly match the customers’ requirements.
Because it requires minimal external components and offers an integrated
USB2.0 PHY and SATA PHY, the OXU931SF enables designers to create
products with a low bill-of-material.
USB2.0
The embedded USB2.0 PHY supports both full and high speed, using bulk-only
transport Mass Storage Class device protocol. Its fast read and write transfers
ensure that the maximum possible host performance is maintained.
No additional USB host drivers are required, for either Windows® or Mac®
operating systems, for standard storage, button notification or GPIO control
applications.
SATA Interface
The SATA host port with embedded PHY and controller supports the latest
revisions of the SATA II specifications and supports interface speeds of 1.5GHz
deliver maximum performance with minimum latency for single disk USB
external storage.
Development Support
For external MAC and PC storage
solutions, Oxford Semiconductor offers
a
selection
of
reference
designs,
development
code,
drivers,
and
evaluation kits.
Product Ordering Information
Part Number
Description
OXU931SF-LQBG
Hi-Speed USB 2.0 to SATA controller
with external flash support
PLX Technology, Inc. All rights reserved. PLX and the PLX logo are trademarks of PLX Technology, Inc. All
other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to
be accurate and reliable, but PLX assumes no responsibility for any errors that may appear in this material. PLX
reserves the right, without notice, to make changes in product design or specification.
Visit www.plxtech.com for more information.


Similar Part No. - OXU931SF

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931S-MLCG PLX-OXU931S-MLCG Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
More results

Similar Description - OXU931SF

ManufacturerPart #DatasheetDescription
logo
PLX Technology
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
OXU931DS PLX-OXU931DS Datasheet
137Kb / 2P
Hi-Speed USB 2.0 to SATA/eSATA Controller
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
Hi-Speed USB to SATA Bridge
logo
Microchip Technology
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com