Electronic Components Datasheet Search
  English  ▼

X  

34844 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34844_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34844
PIN CONNECTIONS
26
SDA
Bidirectional
I2C data
I2C data Line
27
SCK
Bidirectional
I2C clock
I2C clock line
28
VDC1
Output
Internal Regulator 1
Decoupling capacitor for internal logic rail
29
COMP
Passive
Compensation pin
Boost converter Type compensation pin
30
M/~S
Input
Master/Slave selector
Selects Master mode (1) or Slave mode (0)
31
VDC2
Output
Internal Regulator 2
Decoupling capacitor for internal regulator
32
VOUT
Input
Voltage Output
Boost Output voltage sense pin
EP
GND
-
Ground
Ground Reference for all internal circuits other than Boost FET
Table 1. 34844 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com