Electronic Components Datasheet Search
  English  ▼

X  

34844 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
34844
TYPICAL PERFORMANCE CURVES (TA=25°C)
LOGIC COMMANDS AND REGISTERS
Figure 16. Low Duty Dimming Operation Waveforms (FPWM=20 kHz, 2LSB)
Figure 17. Low Duty Dimming Operation Waveforms (FPWM=20 kHz, 1LSB)
ISET = 20mA,
FPWM=20KHz, Duty=0.78% (2LSB)
VCh1
ILED1
ISET = 20mA,
FPWM=20KHz, Duty=0.78% (2LSB)
VCh1
ILED1
ISET = 20mA,
FPWM=20KHz, Duty=0.78% (2LSB)
VCh1
ILED1
ISET = 20mA,
FPWM=20KHz, Duty=0.39% (1LSB)
VCh1
ILED1
ISET = 20mA,
FPWM=20KHz, Duty=0.39% (1LSB)
VCh1
ILED1
ISET = 20mA,
FPWM=20KHz, Duty=0.39% (1LSB)
VCh1
ILED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com