Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33984B_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33984
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Battery Supply Voltage Range
Full Operational
VPWR
6.0
–
27
V
VPWR Operating Supply Current
Output ON, IHS0 and IHS1 = 0 A
IPWR(ON)
–
–
20
mA
VPWR Supply Current
Output OFF, Open Load Detection Disabled, WAKE > 0.7 x VDD,
RST
= VLOGIC HIGH
IPWR(SBY)
–
–
5.0
mA
Sleep State Supply Current (VPWR < 14 V, RST < 0.5 V, WAKE < 0.5 V)
TJ = 25°C
TJ = 85°C
IPWR(SLEEP)
–
–
–
–
10
50
μA
VDD Supply Voltage
VDD(ON)
4.5
5.0
5.5
V
VDD Supply Current
No SPI Communication
3.0 MHz SPI Communication
IDD(ON)
–
–
–
–
1.0
5.0
mA
VDD Sleep State Current
IDD(SLEEP)
–
–
5.0
μA
Over-voltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Over-voltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Under-voltage Output Shutdown Threshold(8)
VPWR(UV)
5.0
5.5
6.0
V
Under-voltage Hysteresis(9)
VPWR(UVHYS)
–
0.25
–
V
Under-voltage Power-ON Reset
VPWR(UVPOR)
–
–
5.0
V
Notes
8.
This applies to all internal device logic supplied by VPWR and assumes the external VDD supply is within specification.
9.
This applies when the under-voltage fault is not latched (IN[0:1] = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com