Electronic Components Datasheet Search
  English  ▼

X  

33984C Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33984C
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984C Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33984C Datasheet HTML 9Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 10Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 11Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 12Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 13Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 14Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 15Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 16Page - Freescale Semiconductor, Inc 33984C Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33984
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT TIMING (CONTINUED)
Over-current Detection Blanking Time (OCLT[1:0])
00
01
10
11
tOCL0
tOCL1
tOCL2
tOCL3
108
7.0
0.8
0.08
155
10
1.2
0.15
202
13
1.6
0.25
ms
Over-current High Detection Blanking Time
tOCH
1.0
10
20
μs
CS to CSNS Valid Time(22)
tCNSVAL
–
–
10
μs
HS1 Switching Delay Time (OSD[2:0])
000
001
010
011
100
101
110
111
tOSD0
tOSD1
tOSD2
tOSD3
tOSD4
tOSD5
tOSD6
tOSD7
–
55
110
165
220
275
330
385
0
75
150
225
300
375
450
525
–
95
190
285
380
475
570
665
ms
HS0 Switching Delay Time (OSD[2:0])
000
001
010
011
100
101
110
111
tOSD0
tOSD1
tOSD2
tOSD3
tOSD4
tOSD5
tOSD6
tOSD7
–
–
110
110
220
220
330
330
0
0
150
150
300
300
450
450
–
–
190
190
380
380
570
570
ms
Watchdog Timeout (WD[1:0])(23)
00
01
10
11
tWDTO0
tWDTO1
tWDTO2
tWDTO3
434
207
1750
875
620
310
2500
1250
806
403
3250
1625
ms
Notes
22.
Time necessary for the CSNS to be within ±5% of the targeted value.
23.
Watchdog timeout delay measured from the rising edge of WAKE to RST from a sleep-state condition to output turn-ON with the output
driven OFF and FSI floating. The values shown are for WDR setting of [00]. The accuracy of tWDTO is consistent for all configured
watchdog timeouts.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com