Electronic Components Datasheet Search
  English  ▼

X  

MPC5121E Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
27
3.2.2
RTC Oscillator Electrical Characteristics
3.2.3
System PLL Electrical Characteristics
3.2.4
e300 Core PLL Electrical Characteristics
The internal clocking of the e300 core is generated from and synchronized to the system clock by means of a voltage-controlled
core PLL.
Table 13. RTC Oscillator Electrical Characteristics
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
RTC_XTALI frequency
frtc_xtal
—
32.768
—
kHz
O2.1
Table 14. System PLL Specifications
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
Sys PLL input clock frequency1
1 The SYS_XTALI frequency and PLL Configuration bits must be chosen such that the resulting system frequency, CPU (core)
frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies.
fsys_xtal
16
33.3
67
MHz
O3.1
Sys PLL input clock jitter2
2 This represents total input jitter—short term and long term combined. Two different types of jitter can exist on the input to
CORE_SYSCLK, systemic and true random jitter. True random jitter is rejected. Systemic jitter is passed into and through the
PLL to the internal clock circuitry.
tjitter
—
—
10
ps
O3.2
Sys PLL VCO frequency1
fVCOsys
400
—
800
MHz
O3.3
Sys PLL VCO output jitter (Dj), peak to peak / cycle
fVCOjitterDj
—
—
40
ps
O3.4
Sys PLL VCO output jitter (Rj), RMS 1 sigma
fVCOjitterRj
—
—
12
ps
O3.5
Sys PLL relock time—after power up3
3 PLL relock time is the maximum amount of time required for the PLL lock after a stable VDD and CORE_SYSCLK are reached
during the power-on reset sequence.
tlock1
—
—
200
μsO3.6
Sys PLL relock time—when power was on4
4 PLL relock time is the maximum amount of time required for the PLL lock after the PLL has been disabled and subsequently
re-enabled during sleep modes.
tlock2
—
—
170
μsO3.7
Table 15. e300 PLL Specifications
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
e300 frequency1
1 The frequency and e300 PLL Configuration bits must be chosen such that the resulting system frequencies, CPU (core)
frequency, and e300 PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies in
Table 16. There is a hard coded relationship between fcore and fVCOcore (fcore =fVCOcore/2).
fcore
200
—
400
MHz
O4.1
e300 PLL VCO frequency1
fVCOcore
400
—
800
MHz
O4.3
e300 PLL input clock frequency
fCSB_CLK
50
—
200
MHz
O4.4
e300 PLL input clock cycle time
tCSB_CLK
5
—
20
ns
O4.5
e300 PLL relock time2
2 PLL relock time is the maximum amount of time required for the PLL lock after a stable VDD and CORE_SYSCLK are reached
during the power-on reset sequence. This specification also applies when the PLL has been disabled and subsequently
re-enabled during sleep modes.
tlock
—
—
200
μsO4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com