Electronic Components Datasheet Search
  English  ▼

X  

HT45R35V Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
HT45R35V
Rev. 1.00
10
January 15, 2009
by a return instruction, RET or RETI, the program counter
is restored to its previous value from the stack. After a de-
vice reset, the stack pointer will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented, by RET or RETI, the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost as only the most recent 4 return ad-
dresses are stored.
Data Memory
- RAM
The data memory has a capacity of 146
´8 bits. The data
memory is divided into two functional groups: special func-
tion registers and general purpose data memory (120
´8).
Most are read/write, but some are read only. The general
purpose data memory, addressed from 28H to 7FH at
Bank 0 and from 40H to 5FH at Bank 1, is used for data
and control information under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by the
²SET [m].i²
and
²CLR [m].i² bit manipulation instructions. They are
also indirectly accessible through the memory pointer
registers (MP0;01H, MP1;02H).
Bank 1 must be addressed indirectly using the memory
pointer MP1 and the indirect addressing register IAR1.
Any direct addressing or any indirect addressing using
MP0 and IAR0 will always result in data from Bank 0 be-
ing accessed.
Indirect Addressing Register
The method of indirect addressing allows data manipu-
lation using memory pointers instead of the usual direct
memory addressing method where the actual memory
address is defined. Any action on the indirect address-
ing registers will result in corresponding read/write oper-
ations to the memory location specified by the
corresponding memory pointers. This device contains
two indirect addressing registers known as IAR0 and
IAR1 and two memory pointers MP0 and MP1. Note that
these indirect addressing registers are not physically
implemented and that reading the indirect addressing
registers indirectly will return a result of
²00H² and writ-
ing to the registers indirectly will result in no operation.
The two memory pointers, MP0 and MP1, are physically
implemented in the data memory and can be manipu-
lated in the same way as normal registers providing a
convenient way with which to address and track data.
When any operation to the relevant indirect addressing
registers is carried out, the actual address that the
microcontroller is directed to is the address specified by
the related memory pointer.
Bit 7 of the memory pointers are not implemented. How-
ever, it must be noted that when the memory pointers in
this device is read, a value of
²1² will be read.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
G e n e r a l P u r p o s e D a t a M e m o r y
( 8 8 B y t e s )
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C 0
T M R
T M R C
P A
P A C
P B
P B C
A S C R 0
A S C R 1
A S C R 2
I N T C 1
T M R A H
T M R A L
R C O C C R
T M R B H
T M R B L
R C O C R
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
7 F H
G e n e r a l P u r p o s e D a t a M e m o r y
( 3 2 B y t e s )
4 0 H
5 F H
R A M M a p p i n g B a n k 1
R A M M a p p i n g B a n k 0
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com