Electronic Components Datasheet Search
  English  ▼

X  

HT46F46E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46F46E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F46E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46F46E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46F46E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
Rev. 1.40
1
July 28, 2009
General Description
The Cost-Effective A/D Flash Type MCU with EEPROM
Devices are a series of 8-bit high performance RISC ar-
chitecture microcontrollers, designed especially for ap-
plications that interface directly to analog signals, such
as those from sensors. All devices include an integrated
multi-channel Analog to Digital Converter in addition to
one or two Pulse Width Modulation outputs. The usual
Holtek MCU features such as power down and wake-up
functions, oscillator options, programmable frequency
divider, etc. combine to ensure user applications require
a minimum of external components.
The benefits of integrated A/D and PWM functions, in
addition to low power consumption, high performance,
I/O flexibility and low-cost, provide these devices with
the versatility to suit a wide range of application possibil-
ities such as sensor signal processing, motor driving, in-
dustrial control, consumer products, subsystem
controllers, etc. Many features are common to all de-
vices, however, they differ in areas such as I/O pin
count, Program Memory capacity, A/D resolution, stack
capacity and package types.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
fSYS=12MHz: 4.5V~5.5V
· 13 to 23 bidirectional I/O lines
· External interrupt input shared with an I/O line
· 8-bit programmable Timer/Event Counter with over-
flow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer function
· PFD for audio frequency generation
· Power down and wake-up functions to reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 4 or 6-level subroutine nesting
· 4 channels 8 or 9-bit resolution A/D converter
· 1 or 2 channel 8-bit PWM output shared with I/O lines
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset function
· Flash program memory can be re-programmed up to
100,000 times
· EEPROM data memory can be re-programmed up to
1,000,000 times
· Flash program memory data retention > 10 years
· EEPROM data memory data retention > 10 years
· ISP (In-System Programming) interface
· Range of packaging types
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0052E Microcontroller Application - Battery Charger
- HA0075E MCU Reset and Oscillator Circuits Application Note
- HA0123E HT48F MCU Series - Using C Language to Write to the 1K EEPROM Data Memory
- HA0125E HT48F MCU Series - Using C Language to Write to the 2K EEPROM Data Memory


Similar Part No. - HT46F46E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C22 HOLTEK-HT46C22 Datasheet
390Kb / 46P
8-Bit A/D Type MCU
October 2, 2002
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46C232 HOLTEK-HT46C232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
A/D Type 8-Bit MCU
May 3, 2004
HT46C24 HOLTEK-HT46C24 Datasheet
403Kb / 51P
A/D Type 8-Bit MCU
March 2, 2006
More results

Similar Description - HT46F46E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
Cost-Effective A/D Type 8-Bit MCU
December 28, 2004
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
Cost-Effective A/D Type 8-Bit MCU
November 28, 2007
68F002 HOLTEK-68F002 Datasheet
23Kb / 1P
Cost-Effective Flash MCU with EEPROM
HT66F002 HOLTEK-HT66F002 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F007 HOLTEK-HT66F007 Datasheet
5Mb / 131P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F302 HOLTEK-HT66F302 Datasheet
6Mb / 129P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT66F005 HOLTEK-HT66F005 Datasheet
4Mb / 109P
Cost-Effective A/D Flash MCU with EEPROM
April 27, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com