Electronic Components Datasheet Search
  English  ▼

X  

HT46R065V Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R065V
Description  24V VFD Type 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065V Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R065V Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT46R065V
Rev. 1.00
2
October 20, 2009
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
L C D
S C O M
P F D
D r i v e r
P W M
D r i v e r
T i m i n g
G e r n e r a t i o n
A / D
C o n v e r t e r
R O M / R A M
M e m o r y
5 V L D O
V F D
H T 4 6 R 0 6 5 V
5 2 Q F P - A
P B 1 / S C O M 1
P B 2 / S C O M 2
P B 3 / S C O M 3
P B 4
P B 5
P C 2
P C 3
P C 4
P C 5
V D D
P A 7 / R E S
P A 6 / O S C 1
P A 5 / O S C 2
V F D 9
V F D 1 0
V F D 1 1
V F D 1 2
V F D 1 3
V F D 1 4
V F D 1 5
V F D 1 6
V F D 1 7
V F D 1 8
V F D 1 9
V F D 2 0
V F D 2 1
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com